Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCS1 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STCS1
Description  1.5 A max constant current LED driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCS1 Datasheet(HTML) 4 Page - STMicroelectronics

  STCS1 Datasheet HTML 1Page - STMicroelectronics STCS1 Datasheet HTML 2Page - STMicroelectronics STCS1 Datasheet HTML 3Page - STMicroelectronics STCS1 Datasheet HTML 4Page - STMicroelectronics STCS1 Datasheet HTML 5Page - STMicroelectronics STCS1 Datasheet HTML 6Page - STMicroelectronics STCS1 Datasheet HTML 7Page - STMicroelectronics STCS1 Datasheet HTML 8Page - STMicroelectronics STCS1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Pin configuration
STCS1
4/17
2
Pin configuration
Figure 2.
Pin connections (top view)
DFN8
PowerSO-8
Table 2.
Pin description
Pln N°
Symbol
Note
1VCC
Supply voltage
2
PWM
PWM dimming input
3
EN
Shutdown pin
4
DRAIN
Internal N-MOSFET drain
5
FB
External resistor connection for current set (N-MOSFET source)
6
GND
Ground
7
N.C.
Not connected
8
DISC
Load disconnection flag (open drain)
Exp-pad
Internally connected to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com