Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCS1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STCS1
Description  1.5 A max constant current LED driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCS1 Datasheet(HTML) 1 Page - STMicroelectronics

  STCS1 Datasheet HTML 1Page - STMicroelectronics STCS1 Datasheet HTML 2Page - STMicroelectronics STCS1 Datasheet HTML 3Page - STMicroelectronics STCS1 Datasheet HTML 4Page - STMicroelectronics STCS1 Datasheet HTML 5Page - STMicroelectronics STCS1 Datasheet HTML 6Page - STMicroelectronics STCS1 Datasheet HTML 7Page - STMicroelectronics STCS1 Datasheet HTML 8Page - STMicroelectronics STCS1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
October 2007
Rev. 5
1/17
17
STCS1
1.5 A max constant current LED driver
Features
Up to 40 V input voltage
Less than 0.5 V voltage overhead
Up to 1.5 A output current
PWM dimming pin
Shutdown pin
LED disconnection diagnostic
Applications
Supplying LEDs with constant current for
varying input voltages
Low voltage lighting
Small appliance LED lighting
Car LED lights
Description
The STCS1 is a BiCMOS constant current source
designed to provide a precise constant current
starting from a varying input voltage source. The
main target is to replace discrete components
solution for driving LEDs in low voltage
applications such as 5 V, 12 V or 24 V giving
benefits in terms of precision, integration and
reliability.
The current is set with external resistor up to 1.5
A with a ±10% precision; a dedicated pin allows
implementing PWM dimming.
An open-drain pin output provides information on
load disconnection condition.
Power SO-8
DFN8 (3x3mm)
Table 1.
Device summary
Order code
Package
Packaging
STCS1PUR
DFN8 (3mm x 3mm)
3000 parts per reel
STCS1PHR
Power SO-8
2500 parts per reel
www.st.com


Similar Part No. - STCS1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STCS1 STMICROELECTRONICS-STCS1 Datasheet
346Kb / 17P
1.5 A max constant current LED driver
02-Jul-2008
STCS1A STMICROELECTRONICS-STCS1A Datasheet
449Kb / 19P
1.5 A max constant current LED driver
02-Jul-2008
STCS1APHR STMICROELECTRONICS-STCS1APHR Datasheet
449Kb / 19P
1.5 A max constant current LED driver
02-Jul-2008
STCS1APUR STMICROELECTRONICS-STCS1APUR Datasheet
449Kb / 19P
1.5 A max constant current LED driver
02-Jul-2008
STCS1PHR STMICROELECTRONICS-STCS1PHR Datasheet
346Kb / 17P
1.5 A max constant current LED driver
02-Jul-2008
More results

Similar Description - STCS1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61042 TI-TPS61042 Datasheet
552Kb / 20P
CONSTANT CURRENT LED DRIVER
logo
STMicroelectronics
STCS2 STMICROELECTRONICS-STCS2 Datasheet
280Kb / 16P
2 A max constant current LED driver
05-May-2008
STCS05 STMICROELECTRONICS-STCS05 Datasheet
683Kb / 16P
0.5 A max constant current LED driver
02-Jul-2008
STCS05A STMICROELECTRONICS-STCS05A Datasheet
854Kb / 18P
0.5 A max constant current LED driver
02-Jul-2008
STCS1A STMICROELECTRONICS-STCS1A Datasheet
449Kb / 19P
1.5 A max constant current LED driver
02-Jul-2008
STCS2A STMICROELECTRONICS-STCS2A Datasheet
372Kb / 18P
2 A max constant current LED driver
02-Jul-2008
STCS1 STMICROELECTRONICS-STCS1_08 Datasheet
346Kb / 17P
1.5 A max constant current LED driver
02-Jul-2008
STCS2_0807 STMICROELECTRONICS-STCS2_0807 Datasheet
281Kb / 16P
2 A max constant current LED driver
02-Jul-2008
logo
ON Semiconductor
CAT4101 ONSEMI-CAT4101_12 Datasheet
152Kb / 9P
1 A Constant-Current LED Driver
July, 2012 ??Rev. 8
logo
First Silicon Co., Ltd
FC2082G FS-FC2082G Datasheet
1Mb / 12P
LED CONSTANT CURRENT DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com