Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2000SCMCL Datasheet(PDF) 18 Page - Littelfuse

Part # P2000SCMCL
Description  gas plasma arresters-package dimensions/specifications
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

P2000SCMCL Datasheet(HTML) 18 Page - Littelfuse

Back Button P2000SCMCL Datasheet HTML 14Page - Littelfuse P2000SCMCL Datasheet HTML 15Page - Littelfuse P2000SCMCL Datasheet HTML 16Page - Littelfuse P2000SCMCL Datasheet HTML 17Page - Littelfuse P2000SCMCL Datasheet HTML 18Page - Littelfuse P2000SCMCL Datasheet HTML 19Page - Littelfuse P2000SCMCL Datasheet HTML 20Page - Littelfuse P2000SCMCL Datasheet HTML 21Page - Littelfuse P2000SCMCL Datasheet HTML 22Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 52 page
background image
www.littelfuse.com
9 - 18
© 2006 Littelfuse, Inc. • Telecom Design Guide
6,'$&WRUŠ'HYLFHV³3DFNDJH 'LPHQVLRQV
N Package—TO-263
The N Package TO-263 is designed to meet mechanical standards as set forth in JEDEC
publication number 95 except for B and F dimensions.
Notes:
• Mold flash shall not exceed 0.13 mm per side.
• Maximum torque to be applied to mounting tab is 8 in-lbs. (0.904 Nm).
• Pin 3 has no connection.
• Tab is non-isolated (connects to middle pin).
Dimension
Inches
Millimeters
MIN
MAX
MIN
MAX
A
0.360
0.370
9.14
9.40
B
0.380
0.420
9.65
10.67
C
0.178
0.188
4.52
4.78
D
0.025
0.035
0.63
0.89
E
0.048
0.055
1.22
1.40
F
0.060
0.075
1.52
1.91
G
0.095
0.105
2.41
2.67
H
0.083
0.093
2.11
2.36
J
0.018
0.024
0.46
0.61
K
0.090
0.110
2.29
2.79
S
0.590
0.625
14.99
15.87
V
0.035
0.045
0.89
1.14
U
0.002
0.010
0.05
0.25
W
0.040
0.070
1.02
1.78
B
A
V
G
S
D 2PL
C
E
K
H
J
F
0.46
(11.684)
0.17 (4.318)
0.26
(6.604)
0.115 (2.921)
0.15 (3.81)
0.08 (2.032)
Pad Outline
0.085 (2.159)
0.665
(16.891)
0.35
(8.89)
U
W
Case
Temperature
Measurement
Dimensions are in inches
(and millimeters).
PIN 1
PIN 2
PIN 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com