Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2000SCMCL Datasheet(PDF) 26 Page - Littelfuse

Part # P2000SCMCL
Description  gas plasma arresters-package dimensions/specifications
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

P2000SCMCL Datasheet(HTML) 26 Page - Littelfuse

Back Button P2000SCMCL Datasheet HTML 22Page - Littelfuse P2000SCMCL Datasheet HTML 23Page - Littelfuse P2000SCMCL Datasheet HTML 24Page - Littelfuse P2000SCMCL Datasheet HTML 25Page - Littelfuse P2000SCMCL Datasheet HTML 26Page - Littelfuse P2000SCMCL Datasheet HTML 27Page - Littelfuse P2000SCMCL Datasheet HTML 28Page - Littelfuse P2000SCMCL Datasheet HTML 29Page - Littelfuse P2000SCMCL Datasheet HTML 30Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 52 page
background image
www.littelfuse.com
9 - 26
© 2006 Littelfuse, Inc. • Telecom Design Guide
'&3RZHU)XVHV³3DFNDJH 'LPHQVLRQV
TLN Series
The following illustrations show the dimensions of the TLN series telecommunications
power fuse. (The TLN series replaces competitors’ TPN and TGN series.)
Contact Littelfuse for characteristic curves.
Figure 1
Dimensions
1A – 30A
35 A – 60 A
Inches
Millimeters
Inches
Millimeters
A
2
50.8
3
76.2
B
0.5
12.7
0.75
19.1
C
0.5
12.7
0.625
15.9
D
0.563
14.3
0.813
20.6
E
0.078
2
0.094
2.4
F
0.156
4
0.188
4.8
G
0.375
9.5
0.625
15.9
H
—
—
—
—
J—
—
—
—
K
—
—
—
—
Figure 2
Dimensions
70 A – 100 A
110 A – 200 A
225 A – 400 A
450 A – 600 A
Inches
Millimeters
Inches
Millimeters
Inches
Millimeters
Inches
Millimeters
A
5.875
149.2
7.125
181
8.625
219.1
10.375
263.5
B
1
25.4
1.5
38.1
2
50.8
2.5
63.5
C
1.063
27
1.469
37.3
1.938
49.2
2.375
60.3
D
1.063
27
1.594
40.5
2.094
53.2
2.594
65.9
E
0.125
3.2
0.188
4.8
0.25
6.4
0.25
6.4
F
0.75
19.1
1.125
28.6
1.625
41.3
2
50.8
G
1.25
31.6
1.844
46.8
2.344
59.5
2.844
72.2
H
0.25
6.4
0.438
11.1
0.625
15.9
0.75
19.1
J
0.281
7.1
0.281
7.1
0.406
10.3
0.531
13.5
K
0.5
12.7
0.688
17.5
0.938
23.8
1.125
28.6
F
A
Figure 1
D
G
E
C
B
D
J
F
Figure 2
A
B
C
A
H
K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com