Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2000SCMCL Datasheet(PDF) 22 Page - Littelfuse

Part # P2000SCMCL
Description  gas plasma arresters-package dimensions/specifications
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

P2000SCMCL Datasheet(HTML) 22 Page - Littelfuse

Back Button P2000SCMCL Datasheet HTML 18Page - Littelfuse P2000SCMCL Datasheet HTML 19Page - Littelfuse P2000SCMCL Datasheet HTML 20Page - Littelfuse P2000SCMCL Datasheet HTML 21Page - Littelfuse P2000SCMCL Datasheet HTML 22Page - Littelfuse P2000SCMCL Datasheet HTML 23Page - Littelfuse P2000SCMCL Datasheet HTML 24Page - Littelfuse P2000SCMCL Datasheet HTML 25Page - Littelfuse P2000SCMCL Datasheet HTML 26Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 52 page
background image
www.littelfuse.com
9 - 22
© 2006 Littelfuse, Inc. • Telecom Design Guide
(OHFWURQLF)XVHV³3DFNDJH 'LPHQVLRQV
NANO2® Fuse—452 / 454 Series
The following illustration shows the dimensions of a NANO2 Fuse—452 / 454 series. The
body is ceramic with tin-lead alloy or silver-plated caps. RoHS compliant terminations
(452L series) are gold over nickel-plated caps.
SMF OMNI-BLOK® Fuse Block—154 Series
The following illustration shows the dimensions of the SMF OMNI-BLOK Fuse Block—
154 series.
1 A
T
0.270
(6.86)
0.124
(3.15)
0.116
(2.95)
0.077
(1.96)
0.106
(2.69)
0.057
(1.45)
0.240
(6.10)
Recommended pad layout
F
Dimensions are in inches
(and millimeters).
0.106
(2.69)
LF
7A
0.150
(3.81)
0.084
(2.13)
REF
0.418
(10.62)
0.167
(4.24)
0.383
(9.73) REF
0.150
(3.81)
0.198
(5.03)
FUSE
Recommended Pad Layout
Dimensions are in inches
(and millimeters).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com