Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1230708 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 1230708
Description  DFK-MSTB 2,5/18-STF-5,08-LR - Feed-through plug
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1230708 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1230708 Datasheet HTML 1Page - PHOENIX CONTACT 1230708 Datasheet HTML 2Page - PHOENIX CONTACT 1230708 Datasheet HTML 3Page - PHOENIX CONTACT 1230708 Datasheet HTML 4Page - PHOENIX CONTACT 1230708 Datasheet HTML 5Page - PHOENIX CONTACT 1230708 Datasheet HTML 6Page - PHOENIX CONTACT 1230708 Datasheet HTML 7Page - PHOENIX CONTACT 1230708 Datasheet HTML 8Page - PHOENIX CONTACT 1230708 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
2 conductors with same cross section, flexible, with ferrule
without plastic sleeve
0.25 mm² ... 1 mm²
2 conductors with the same cross section, flexible, with TWIN
ferrule with plastic sleeve
0.5 mm² ... 1.5 mm²
Cylindrical gauge a x b / diameter
2.8 mm x 2.0 mm / 2.4 mm
Stripping length
7 mm
Drive form screw head
Slotted (L)
Tightening torque
0.5 Nm ... 0.6 Nm
Mounting
Flange
Tightening torque
0.3 Nm
Material specifications
Material data - contact
Note
WEEE/RoHS-compliant, free of whiskers according to IEC
60068-2-82/JEDEC JESD 201
Contact material
Cu alloy
Surface characteristics
Tin-plated
Metal surface terminal point (top layer)
Tin (5 - 7 µm Sn)
Metal surface terminal point (middle layer)
Nickel (2 - 3 µm Ni)
Metal surface contact area (top layer)
Tin (5 - 7 µm Sn)
Metal surface contact area (middle layer)
Nickel (2 - 3 µm Ni)
Material data - housing
Color (Housing)
green (6021)
Insulating material
PA
Insulating material group
I
CTI according to IEC 60112
600
Flammability rating according to UL 94
V0
Glow wire flammability index GWFI according to EN 60695-2-12
850
Glow wire ignition temperature GWIT according to EN 60695-2-
13
775
Temperature for the ball pressure test according to EN 60695-
10-2
125 °C
Notes
Notes on operation
In accordance with IEC 61984, COMBICON connectors have no
switching power (COC). During designated use, they must not be
plugged in or disconnected when carrying voltage or under load.
Dimensions
DFK-MSTB 2,5/18-STF-5,08-LR - Feed-through plug
1230708
https://www.phoenixcontact.com/us/products/1230708
Mar 7, 2025, 1:00 AM
Page 3 (10)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com