Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1230708 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1230708
Description  DFK-MSTB 2,5/18-STF-5,08-LR - Feed-through plug
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1230708 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1230708 Datasheet HTML 1Page - PHOENIX CONTACT 1230708 Datasheet HTML 2Page - PHOENIX CONTACT 1230708 Datasheet HTML 3Page - PHOENIX CONTACT 1230708 Datasheet HTML 4Page - PHOENIX CONTACT 1230708 Datasheet HTML 5Page - PHOENIX CONTACT 1230708 Datasheet HTML 6Page - PHOENIX CONTACT 1230708 Datasheet HTML 7Page - PHOENIX CONTACT 1230708 Datasheet HTML 8Page - PHOENIX CONTACT 1230708 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Feed-through connector, nominal cross section: 2.5 mm2, color: green, nominal current: 12 A,
rated voltage (III/2): 320 V, contact surface: Sn, contact connection type: Pin, number of rows: 1,
number of positions: 18, product range: DFK-MSTB 2,5/..-STF-LR, pitch: 5.08 mm, connection
method: Screw connection with tension sleeve, screw head form: L Slotted, conductor/PCB
connection direction: 0 °, plug-in system: COMBICON MSTB 2,5, Pin connector pattern
alignment: Standard, locking: Lock-and-release locking system, mounting method: Lock &
release threaded flange, type of packaging: packed in cardboard
Your advantages
Well-known connection principle allows worldwide use
•
Cable connection on the inside of the device enables flexible positioning of the panel feed-through
•
Can be combined with the MSTB 2,5 range
•
Commercial data
Item number
1230708
Packing unit
50 pc
Minimum order quantity
50 pc
Note
Made to order (non-returnable)
Product key
AACWDA
GTIN
4063151330255
Weight per piece (including packing)
33.67 g
Weight per piece (excluding packing)
33.67 g
Country of origin
CN
DFK-MSTB 2,5/18-STF-5,08-LR - Feed-through plug
1230708
https://www.phoenixcontact.com/us/products/1230708
Mar 7, 2025, 1:00 AM
Page 1 (10)


Similar Part No. - 1230708

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1230705 PHOENIX-1230705 Datasheet
447Kb / 15P
DFK-MSTB 2,5/17-STF-5,08-LR - Feed-through plug
More results

Similar Description - 1230708

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1095511 PHOENIX-1095511 Datasheet
174Kb / 12P
Feed-through plug - DFK-MSTB 2,5/14-STF-5,08-LR
09/10/2020
1096152 PHOENIX-1096152 Datasheet
174Kb / 12P
Feed-through plug - DFK-MSTB 2,5/ 2-STF-5,08-LR
09/12/2020
1096145 PHOENIX-1096145 Datasheet
829Kb / 25P
Feed-through plug - DFK-MSTB 2,5/ 9-STF-5,08-LR
May 10, 2022
1098052 PHOENIX-1098052 Datasheet
830Kb / 25P
Feed-through plug - DFK-MSTB 2,5/ 4-STF-5,08-LR
May 10, 2022
1095509 PHOENIX-1095509 Datasheet
804Kb / 24P
Feed-through plug - DFK-MSTB 2,5/16-STF-5,08-LR
Jan 3, 2023
1096146 PHOENIX-1096146 Datasheet
813Kb / 24P
Feed-through plug - DFK-MSTB 2,5/ 8-STF-5,08-LR
Jan 3, 2023
1096150 PHOENIX-1096150 Datasheet
812Kb / 24P
Feed-through plug - DFK-MSTB 2,5/ 5-STF-5,08-LR
Jan 3, 2023
1096142 PHOENIX-1096142 Datasheet
810Kb / 24P
Feed-through plug - DFK-MSTB 2,5/12-STF-5,08-LR
Jan 5, 2023
1095729 PHOENIX-1095729 Datasheet
781Kb / 24P
DFK-MSTB 2,5/13-STF-5,08-LR - Feed-through plug
1096143 PHOENIX-1096143 Datasheet
779Kb / 24P
DFK-MSTB 2,5/11-STF-5,08-LR - Feed-through plug
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com