Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1230708 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 1230708
Description  DFK-MSTB 2,5/18-STF-5,08-LR - Feed-through plug
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1230708 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  1230708 Datasheet HTML 1Page - PHOENIX CONTACT 1230708 Datasheet HTML 2Page - PHOENIX CONTACT 1230708 Datasheet HTML 3Page - PHOENIX CONTACT 1230708 Datasheet HTML 4Page - PHOENIX CONTACT 1230708 Datasheet HTML 5Page - PHOENIX CONTACT 1230708 Datasheet HTML 6Page - PHOENIX CONTACT 1230708 Datasheet HTML 7Page - PHOENIX CONTACT 1230708 Datasheet HTML 8Page - PHOENIX CONTACT 1230708 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Dimensional drawing
Pitch
5.08 mm
Width [w]
116.41 mm
Height [h]
16.5 mm
Length [l]
19.3 mm
Installed height
16.5 mm
Mechanical tests
Test for conductor damage and slackening
Specification
IEC 60999-1:1999-11
Result
Test passed
Pull-out test
Specification
IEC 60999-1:1999-11
0.2 mm² / solid / > 10 N
0.2 mm² / flexible / > 10 N
2.5 mm² / solid / > 50 N
Conductor cross section/conductor type/tractive force
setpoint/actual value
2.5 mm² / flexible / > 50 N
Insertion and withdrawal forces
Result
Test passed
No. of cycles
25
Insertion strength per pos. approx.
7 N
Withdraw strength per pos. approx.
7 N
Torque test
Specification
IEC 60999-1:1999-11
Contact holder in insert
Specification
IEC 60512-15-1:2008-05
Contact holder in insert
Requirements >20 N
Test passed
Resistance of inscriptions
Specification
IEC 60068-2-70:1995-12
Result
Test passed
Polarization and coding
Specification
IEC 60512-13-5:2006-02
Result
Test passed
Visual inspection
DFK-MSTB 2,5/18-STF-5,08-LR - Feed-through plug
1230708
https://www.phoenixcontact.com/us/products/1230708
Mar 7, 2025, 1:00 AM
Page 4 (10)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com