Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1113 Datasheet(PDF) 14 Page - ams AG

Part # AS1113
Description  50mA, 16-Channel LED Driver with Diagnostics
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1113 Datasheet(HTML) 14 Page - ams AG

Back Button AS1113 Datasheet HTML 10Page - ams AG AS1113 Datasheet HTML 11Page - ams AG AS1113 Datasheet HTML 12Page - ams AG AS1113 Datasheet HTML 13Page - ams AG AS1113 Datasheet HTML 14Page - ams AG AS1113 Datasheet HTML 15Page - ams AG AS1113 Datasheet HTML 16Page - ams AG AS1113 Datasheet HTML 17Page - ams AG AS1113 Datasheet HTML 18Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
www.austriamicrosystems.com
Revision 1.00
14 - 24
AS1113
Data Sheet - D e t a i l e d D e s c r i p t i o n
Detailed Open-LED Error Report
The detailed open-LED error report can be read out immediately after global error mode has been run. SDI must be 1
for the first device.
Figure 14. Detailed Open-LED Error Report Timing Diagram
Detailed Open-LED Error Report Example
Consider a case where three AS1113s are cascaded in one chain. A 1 indicates a LED is on, a 0 indicates a LED is off,
and an X indicates an open LED. The open-LED test is only applied to LEDs that are turned on. This test is used with
a test pattern where all LEDs are on at test time.
IC1:[1111111111111111] IC2:[111XX11111111X11] IC3:[1111111111111111]
IC2 has three open LEDs switched on due to input. 3*16 clock cycles are needed to write the entire error code out. The
detailed error report would look like this:
Comparing this report with the input data indicates that IC2 is the device with two open LEDs at position 4 and 5 and
one open LED at position 14. For such a test it is recommended to enter low-current diagnostic mode first (see Low-
Current Diagnostic Mode on page 15) to reduce screen flickering.
This test can be used also on-the-fly without using an all 1s test pattern (see Figure 18 on page 17).
Note: In an actual report there are no spaces in the output. LEDs turned off during test time cannot be tested and will
show a logic 1 in the detailed error report.
Input Data: 1 11 1111 111 1111 11
1 111 1111 1111 111 1
1 1 111 1111 11111 11
LED Status: 1 11 1111 111 1111 11
1 11X X 111 1111 1X 1 1
11 111 1111 11111 11
Failure Code: 1 1 1 1111 111 1111 11
1 110 0111 1111 101 1
1 1 111 1111 11111 11
Global Flag Readout
Detailed Error Report Readout
SDI
OEN
LD
CLK
SDO
tH(L)
Open Error Report Output
New Data Input
tP4
tP1
tP4
tSW(ERROR)
tSU(ERROR)
tTESTING
DBit0
DBit1
DBit2
DBitn
DBit12
DBit13
DBit14
OBit0
OBit1
OBit2
OBitn
OBit12
OBit13
OBit14
Don’t
Care
Don’t
Care
OBit15
TFlag
OFlag
DBit15
For detailed timing information see Timing Diagrams on page 9.
tGSW(ERROR)
tGSW(ERROR)
tGSW(ERROR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com