Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1113 Datasheet(PDF) 5 Page - ams AG

Part # AS1113
Description  50mA, 16-Channel LED Driver with Diagnostics
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1113 Datasheet(HTML) 5 Page - ams AG

  AS1113 Datasheet HTML 1Page - ams AG AS1113 Datasheet HTML 2Page - ams AG AS1113 Datasheet HTML 3Page - ams AG AS1113 Datasheet HTML 4Page - ams AG AS1113 Datasheet HTML 5Page - ams AG AS1113 Datasheet HTML 6Page - ams AG AS1113 Datasheet HTML 7Page - ams AG AS1113 Datasheet HTML 8Page - ams AG AS1113 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
www.austriamicrosystems.com
Revision 1.00
5 - 24
AS1113
Data Sheet - E l e c t r i c a l C h a r a c t e r i s t i c s
6 Electrical Characteristics
VDD = +3.0 to +5.5V, TAMB = -40 to +85ºC (unless otherwise specified).
Table 3. Electrical Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VDD
Supply Voltage
3.0
5.5
V
VDS
Output Voltage
OUTN0:15
0
15.0
V
IOUT
Output Current
OUTN0:15
0.5
50
mA
IOH
SDO
-1.0
IOL
SDO
1.0
VIH
Input Voltage
High Level
CLK, OEN, LD, SDI
0.7 x
VDD
VDD +
0.3
V
VIL
Low Level
-0.3
0.3 x
VDD
IDS(OFF)
Output Leakage Current
OEN = 1, VDS = 15.0V
0.5
µA
VOL
Output
Voltage
SDO
IOL = +1.0mA
0.4
V
VOH
IOH = -1.0mA
VDD -
0.4V
IAV(LC1)
Device-to-Device Average Output
Current from OUTN0 to OUTN15
VDS = 0.5V, VDD = Const.,
REXT = 744
Ω
25.25
mA
ΔIAV(LC1)
Current Skew
(Between Channels)
IOUT = 25.26mA, VDS
≥ 0.5V,
VDD = Const., REXT = 744
Ω
±1.5
±3
%
IAV(LC2)
Device-to-Device Average Output
Current from OUTN0 to OUTN15
VDS = 0.6V, VDD > 3.3V,
REXT = 372
Ω
50.5
mA
ΔIAV(LC2)
Current Skew
(Between Channels)
IOUT = 50.52mA, VDS
≥ 0.6V,
VDD = Const., REXT = 372
Ω
±1.5
±3
%
ILC
Low-Current Diagnosis Mode
VDS = 0.8V, VDD = 5.0V
0.4
0.6
0.8
mA
IPD
Power Down Supply Current
VDS = 0.8V, VDD = 5.0V,
REXT = 372
Ω, OUTN0:15 = On
10
20
µA
%/
ΔVDS
Output Current vs.
Output Voltage Regulation
VDS within 1.0 and 3.0V
±0.1
%/V
%/
ΔVDD
Output Current vs.
Supply Voltage Regulation
VDD within 3.0 and 5.0V
±1
%/V
RIN(UP)
Pullup Resistance
OEN
250
500
800
k
Ω
RIN(DOWN)
Pulldown Resistance
LD
250
500
800
k
Ω
VTHL
Error Detection Threshold Voltage
0.25
0.3
0.45
V
VTHH
Error Detection Threshold Voltage
VDD = 3.0V
1.2
1.3
1.4
V
VDD = 5.0V
2.0
2.2
2.4
TOV1
Overtemperature Threshold Flag
150
ºC
IDD(OFF)0
Supply
Current
Off
REXT = Open‚ OUTN0:15 = Off
2.7
6
mA
IDD(OFF)1
REXT = 744
Ω‚ OUTN0:15 = Off
4.3
8
IDD(OFF)2
REXT = 372
Ω‚ OUTN0:15 = Off
5.4
9
IDD(ON)1
On
REXT = 744
Ω‚ OUTN0:15 = On
6.2
11
IDD(ON)2
REXT = 372
Ω‚ OUTN0:15 = On
10.5
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com