Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1113 Datasheet(PDF) 17 Page - ams AG

Part # AS1113
Description  50mA, 16-Channel LED Driver with Diagnostics
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1113 Datasheet(HTML) 17 Page - ams AG

Back Button AS1113 Datasheet HTML 13Page - ams AG AS1113 Datasheet HTML 14Page - ams AG AS1113 Datasheet HTML 15Page - ams AG AS1113 Datasheet HTML 16Page - ams AG AS1113 Datasheet HTML 17Page - ams AG AS1113 Datasheet HTML 18Page - ams AG AS1113 Datasheet HTML 19Page - ams AG AS1113 Datasheet HTML 20Page - ams AG AS1113 Datasheet HTML 21Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
www.austriamicrosystems.com
Revision 1.00
17 - 24
AS1113
Data Sheet - A p p l i c a t i o n I n f o r m a t i o n
9 Application Information
Error Detection
The AS1113 features two types of error detection. The error detection can be used on-the-fly, for active LEDs, without
any delay, or by entering into low-current diagnosis mode.
Error Detection On-The-Fly
Error detection on-the-fly will output the status of active LEDs during operation. Without choosing an error mode this
will output the temperature flag at every input/output cycle. Triggering one clock pulse for open or two clock pulses for
short detection during error detection mode outputs the detailed open- or short-error report with the next input/output
cycle (see Figure 18). LEDs turned off at test time are not tested and will show a logic "1" at the detailed error report.
Figure 18. Normal Operation with Error Detection During Operation – 64 Cascaded AS1113s
Error Detection with Low-Current Diagnosis Mode
This unique feature of the AS1113 uses an internal all 1s test pattern for a flicker free diagnosis of all LEDs. This error
detection mode can be started at the end of each input cycle (see Figure 19).
Figure 19. Low-Current Diagnosis Mode with Internal All 1s Test Pattern – 64 Cascaded AS1113s
Display
SDI
SDO
CLK
OEN
LD
Current
Data1
Data2
Data3
Data2
Data3
Data4
T/O or S Error Code
Data1
T/O or S Error Code
Data0
T/O or S Error Code
Data2
1024x
1024x
1024x
Clock for Error
Mode 0x/1x/2x
Rising Edge of OEN
Acquisition of Error Status
Falling Edge of LD; Error Register is
copied into Shift Register
≤ 50mA
GEF
GEF
GEF = Global Error Flag
Falling Edge of LD; Error Register is
copied into Shift Register
Clock for Error
Mode 0x/1x/2x
Rising Edge of OEN
Acquisition of Error Status
Clock for Error
Mode 1x/2x
3x Clocks Low-
Current Mode
GEF
1024x
1024x
Data0
Rising Edge of OEN
Acquisition of Error Status
Falling Edge of LD; Error Register
is copied into Shift Register
GEF
O or S Error Code from
All 1s Test Pattern
Temperature Error Code
Use Internal All 1s
Test Pattern
≤ 50mA
≤ 50mA
SDI
SDO
CLK
OEN
LD
≤ 0.8mA
GEF = Global Error Flag
1024x
Data1
Data2
Data2
Data3
Data1
T/O or S Error Code
Data0
GEF
Display
Current
Low-Current Diagnosis Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com