Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCAL9722HNMP Datasheet(PDF) 22 Page - NXP Semiconductors

Part # PCAL9722HNMP
Description  Ultra low-voltage translating 22-bit SPI I/O expander with Agile I/O features, interrupt output and reset
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCAL9722HNMP Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button PCAL9722HNMP Datasheet HTML 18Page - NXP Semiconductors PCAL9722HNMP Datasheet HTML 19Page - NXP Semiconductors PCAL9722HNMP Datasheet HTML 20Page - NXP Semiconductors PCAL9722HNMP Datasheet HTML 21Page - NXP Semiconductors PCAL9722HNMP Datasheet HTML 22Page - NXP Semiconductors PCAL9722HNMP Datasheet HTML 23Page - NXP Semiconductors PCAL9722HNMP Datasheet HTML 24Page - NXP Semiconductors PCAL9722HNMP Datasheet HTML 25Page - NXP Semiconductors PCAL9722HNMP Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 63 page
background image
NXP Semiconductors
PCAL9722
Ultra low-voltage translating 22-bit SPI I/O expander with Agile I/O features, interrupt output and
reset
requires an oscillator time base input and if this function is used, P0_0 is designated as the oscillator input. If
P0_0 is not configured as input and if SD0.0 is not set to logic 1, then switch debounce logic is not connected to
any pin. See Section 6.9 for additional information about Switch debounce logic functionality.
Bit
7
6
5
4
3
2
1
0
Symbol
SD0.7
SD0.6
SD0.5
SD0.4
SD0.3
SD0.2
SD0.1
SD0.0
Default
0
0
0
0
0
0
0
0
Table 57. Switch debounce enable Port 0 register (address 74h) bit description
Bit
7
6
5
4
3
2
1
0
Symbol
SD1.7
SD1.6
SD1.5
SD1.4
SD1.3
SD1.2
SD1.1
SD1.0
Default
0
0
0
0
0
0
0
0
Table 58. Switch debounce enable Port 1 register (address 75h) bit description
6.4.17 Switch debounce count register (76h)
The switch debounce count register is used to count the debounce time that the switch debounce logic uses
to determine if a switch connected to one of the Port 0 or Port 1 pins finally stays open (logic 1) or closed
(logic 0). This number, together with the oscillator frequency supplied to P0_0, determines the debounce time
(for example, the debounce time will be 10 μs if this register is set to 0Ah and external oscillator frequency is
1 MHz). See Section 6.9 for further information.
Bit
7
6
5
4
3
2
1
0
Symbol
SDC0.7
SDC0.6
SDC0.5
SDC0.4
SDC0.3
SDC0.2
SDC0.1
SDC0.0
Default
0
0
0
0
0
0
0
0
Table 59. Switch debounce count register (address 76h) bit description [1]
[1]
The switch debounce logic is disabled if this register is set to 00h.
6.5 I/O port
When an I/O is configured as an input, FETs Q1 and Q2 are off, which creates a high-impedance input. The
input voltage may be raised above VDD(P) to a maximum of 5.5 V.
If the I/O is configured as an output, Q1 or Q2 is enabled, depending on the state of the Output port register.
In this case, there are low-impedance paths between the I/O pin and either VDD(P) or VSS. The external voltage
applied to this I/O pin should not exceed the recommended levels for proper operation.
PCAL9722
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.1 — 1 May 2023
22 / 63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com