Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCAL9722HNMP Datasheet(PDF) 29 Page - NXP Semiconductors

Part # PCAL9722HNMP
Description  Ultra low-voltage translating 22-bit SPI I/O expander with Agile I/O features, interrupt output and reset
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCAL9722HNMP Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button PCAL9722HNMP Datasheet HTML 25Page - NXP Semiconductors PCAL9722HNMP Datasheet HTML 26Page - NXP Semiconductors PCAL9722HNMP Datasheet HTML 27Page - NXP Semiconductors PCAL9722HNMP Datasheet HTML 28Page - NXP Semiconductors PCAL9722HNMP Datasheet HTML 29Page - NXP Semiconductors PCAL9722HNMP Datasheet HTML 30Page - NXP Semiconductors PCAL9722HNMP Datasheet HTML 31Page - NXP Semiconductors PCAL9722HNMP Datasheet HTML 32Page - NXP Semiconductors PCAL9722HNMP Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 63 page
background image
NXP Semiconductors
PCAL9722
Ultra low-voltage translating 22-bit SPI I/O expander with Agile I/O features, interrupt output and
reset
7.5 Read Access Sequence
In read operation, the registers are read using the following read sequence (from a bus idle condition) as shown
in Figure 12.
1. Drive CS low. This enables the internal shift register.
2. Shift 24 bits of data into the device in a MSB first fashion. Data must be stable during the rising edge of
SCLK
3. The first 7-bit is set for slave address and the 8th bit of the first byte data must be a '1' indicating it is a read
only transfer.
4. The second 8 bits of data should be the address of the register that is intended to read.
5. The third data byte is NOP (no operation) which is dummy data byte (don't care).
6. The read data is shifted out on SDOUT starting from dummy data byte when SCLK is continuously running
from SPI master.
7. After the last bit of data is transferred, drive SCLK low if there is no more data to be transferred.
8. De-assert CS (drive it high) to end of read cycle.
aaa-015970
CS
SCLK
0 1 2 3 4 5 6 7
0 1 2 3 4 5 6 7
0 1 2 3 4 5 6 7
SDIN
SDOUT
Slave Address
1
R/W
Reg Address
NOP (don't care)
Read Data (≥ 1 byte)
Figure 12. Read access
7.6 System configuration
A device generating a message is a 'transmitter'; a device receiving is the 'receiver'. The device that controls
the message is the 'master' and the devices which are controlled by the master are the 'slaves' as shown in
Figure 13, two PCAL9722 slave devices can be interfaced to a common SPI bus by connecting SDIN inputs
together, connecting SCLK inputs together, connecting CS inputs together, and connecting SDOUT outputs
together to a micro-controller master device. Each PCAL9722 device has address selection input pin ADDR to
set the slave address.
aaa-015971
MCU
SPI
MASTER
PCAL9722
MISO
MOSI
SDIN
VSS
SDOUT
ADDR
SCLK
SCLK
CS
CS
PCAL9722
SDIN
VDD
SDOUT
ADDR
SCLK
CS
Figure 13. System level configuration
PCAL9722
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.1 — 1 May 2023
29 / 63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com