Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCAL9722HNMP Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCAL9722HNMP
Description  Ultra low-voltage translating 22-bit SPI I/O expander with Agile I/O features, interrupt output and reset
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCAL9722HNMP Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCAL9722HNMP Datasheet HTML 3Page - NXP Semiconductors PCAL9722HNMP Datasheet HTML 4Page - NXP Semiconductors PCAL9722HNMP Datasheet HTML 5Page - NXP Semiconductors PCAL9722HNMP Datasheet HTML 6Page - NXP Semiconductors PCAL9722HNMP Datasheet HTML 7Page - NXP Semiconductors PCAL9722HNMP Datasheet HTML 8Page - NXP Semiconductors PCAL9722HNMP Datasheet HTML 9Page - NXP Semiconductors PCAL9722HNMP Datasheet HTML 10Page - NXP Semiconductors PCAL9722HNMP Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 63 page
background image
NXP Semiconductors
PCAL9722
Ultra low-voltage translating 22-bit SPI I/O expander with Agile I/O features, interrupt output and
reset
Symbol
Pin
Type
Description
P1_5 [2]
14
I/O
Port 1 input/output 5
P1_6 [2]
15
I/O
Port 1 input/output 6
P1_7 [2]
16
I/O
Port 1 input/output 7
P2_0 [3]
17
I/O
Port 2 input/output 0
P2_1 [3]
18
I/O
Port 2 input/output 1
P2_2 [3]
19
I/O
Port 2 input/output 2
P2_3 [3]
20
I/O
Port 2 input/output 3
P2_4 [3]
21
I/O
Port 2 input/output 4
P2_5 [3]
22
I/O
Port 2 input/output 5
CS
23
I
SPI chip select input
SDOUT
24
O
SPI serial data output
VSS
25
ground
Supply ground
ADDR
26
I
Address input. Connect directly to VDD(SPI) or ground.
VDD(P)
27
power supply
Supply voltage of PCAL9722 for Port P
RESET
28
I
Active LOW reset input. Connect to VDD(SPI) through a pull-up resistor if no
active connection is used.
Table 3. Pin description...continued
[1]
Pins P0_0 to P0_7 correspond to bits P0.0 to P0.7. At power-on, all I/Os are configured as inputs.
[2]
Pins P1_0 to P1_7 correspond to bits P1.0 to P1.7. At power-on, all I/Os are configured as inputs.
[3]
Pins P2_0 to P2_5 correspond to bits P2.0 to P2.5. At power-on, all I/Os are configured as inputs.
PCAL9722
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.1 — 1 May 2023
7 / 63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com