Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

60R300 Datasheet(PDF) 3 Page - Littelfuse

Part # 60R300
Description  POLYFUSE짰 Resettable PTCs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

60R300 Datasheet(HTML) 3 Page - Littelfuse

  60R300 Datasheet HTML 1Page - Littelfuse 60R300 Datasheet HTML 2Page - Littelfuse 60R300 Datasheet HTML 3Page - Littelfuse 60R300 Datasheet HTML 4Page - Littelfuse 60R300 Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
www.littelfuse.com
©2006 Littelfuse
60R Series
Specifications are subject to change without notice.

Electronics Designers Guide
POLYFUSE® Resettable PTCs
Radial Leaded
Environmental Specifications
Operating/Storage
Temperature
-40°C to +85°C
Maximum Device Surface
Temperature in Tripped State
125°C
Passive Aging
+85°C, 1000 hours
±5% typical resistance change
Humidity Aging
+85°C, 85%R.H. 1000 hours
±5% typical resistance change
Thermal Shock
+85°C to -40°C 10 times
±5% typical resistance change
Solvent Resistance
MIL-STD-202, Method 215F
Physical Specifications
Lead Material
.20-.40A: Tin-plated copper clad steel
.50-3.75A: Tin-plated copper
Soldering
Characteristics
Solderability per MIL-STD-202,
Method 208E
Insulating Material
Cured, flame retardant epoxy polymer
meets UL94V-0 requirements.
Device Labeling
Marked with LF, voltage, current rating,
and date code.
Soldering Parameters - Wave Soldering
Pre-Heating Zone
Refer to the condition
recommended by the
flux manufacturer.
Max. ramping rate
should not exceed
4°C/Sec.
Soldering Zone
Max. solder temperature
should not exceed
260°C
Cooling Zone
Cooling by natural
convection in air.
60R Series
Preheating
160
190
220
260
0
5 max.
Soldering
Cooling
60 min.
Time(s)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com