Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

60R300 Datasheet(PDF) 5 Page - Littelfuse

Part # 60R300
Description  POLYFUSE짰 Resettable PTCs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

60R300 Datasheet(HTML) 5 Page - Littelfuse

  60R300 Datasheet HTML 1Page - Littelfuse 60R300 Datasheet HTML 2Page - Littelfuse 60R300 Datasheet HTML 3Page - Littelfuse 60R300 Datasheet HTML 4Page - Littelfuse 60R300 Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
www.littelfuse.com
©2006 Littelfuse
60R Series
Specifications are subject to change without notice.

Electronics Designers Guide
POLYFUSE® Resettable PTCs
Radial Leaded
Part Numbering System
Packaging
PACKAGING STYLE
I
HOLD CURRENT CODE (SEE TABLE BELOW)
QUANTITY CODE: F=200 H=100 M=1000 P=2000 U=500
BLANK: Bulk
R: Tape & Ammo
60 R 250 X M R
TYPE: X (60VDC)
R: RADIAL
SERIES
VOLTAGE RATING (VDC)
60R Series
I
hold
(A)
I
hold Code
Packaging
Option
Quantity
Quantity &
Packaging Codes
0.10
010
Bulk
500
U
Tape and Ammo
2000
PR
0.20
020
Bulk
500
U
Tape and Ammo
2000
PR
0.30
030
Bulk
500
U
Tape and Ammo
2000
PR
0.40
040
Bulk
500
U
Tape and Ammo
2000
PR
0.50
050
Bulk
500
U
Tape and Ammo
2000
PR
0.65
065
Bulk
500
U
Tape and Ammo
2000
PR
0.75
075
Bulk
500
U
Tape and Ammo
2000
PR
0.90
090
Bulk
500
U
Tape and Ammo
2000
PR
1.10
110
Bulk
500
U
Tape and Ammo
1000
MR
1.35
135
Bulk
200
F
Tape and Ammo
1000
MR
1.60
160
Bulk
200
F
Tape and Ammo
1000
MR
1.85
185
Bulk
200
F
Tape and Ammo
1000
MR
2.50
250
Bulk
200
F
Tape and Ammo
1000
MR
3.00
300
Bulk
200
F
3.75
375
Bulk
100
H



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com