Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

60R300 Datasheet(PDF) 1 Page - Littelfuse

Part # 60R300
Description  POLYFUSE짰 Resettable PTCs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

60R300 Datasheet(HTML) 1 Page - Littelfuse

  60R300 Datasheet HTML 1Page - Littelfuse 60R300 Datasheet HTML 2Page - Littelfuse 60R300 Datasheet HTML 3Page - Littelfuse 60R300 Datasheet HTML 4Page - Littelfuse 60R300 Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
www.littelfuse.com
©2006 Littelfuse
60R Series
Specifications are subject to change without notice.

Electronics Designers Guide
POLYFUSE® Resettable PTCs
Radial Leaded
60R Series
• The 60R series radial leaded device is designed to provide
overcurrent protection for (
≤60V) applications where
space is not a concern and resettable protection
is preferred.
Electrical Characteristics
Part Number
I
hold
(A)
I
trip
(A)
V
max
(Vdc)
I
max
(A)
P
d
max.
(W)
Maximum Time
To Trip
Resistance
Agency
Approvals
Current
(A)
Time
(Sec.)
R
min
(
Ω)
R
1max
(
Ω)
60R010
0.10
0.20
60
40
0.38
0.50
4.00
2.500
7.500
X
X
60R020
0.20
0.40
60
40
0.41
1.00
2.20
1.830
4.400
X
X
60R025
0.25
0.50
60
40
0.45
1.25
2.50
1.250
3.000
X
X
60R030
0.30
0.60
60
40
0.49
1.50
3.00
0.880
2.100
X
X
60R040
0.40
0.80
60
40
0.56
2.00
3.80
0.550
1.290
X
X
60R050
0.50
1.00
60
40
0.77
2.50
4.00
0.500
1.170
X
X
60R065
0.65
1.30
60
40
0.88
3.25
5.30
0.310
0.720
X
X
60R075
0.75
1.50
60
40
0.92
3.75
6.30
0.250
0.600
X
X
60R090
0.90
1.80
60
40
0.99
4.50
7.20
0.200
0.470
X
X
60R110
1.10
2.20
60
40
1.50
5.50
8.20
0.150
0.380
X
X
60R135
1.35
2.70
60
40
1.70
6.75
9.60
0.120
0.300
X
X
60R160
1.60
3.20
60
40
1.90
8.00
11.40
0.090
0.220
X
X
60R185
1.85
3.70
60
40
2.10
9.25
12.60
0.080
0.190
X
X
60R250
2.50
5.00
60
40
2.50
12.50
15.60
0.050
0.130
X
X
60R300
3.00
6.00
60
40
2.80
15.00
19.80
0.040
0.100
X
X
60R375
3.75
7.50
60
40
3.20
18.75
24.00
0.030
0.080
X
X
Description
Features
Applications
• RoHS compliant and
lead-free
• Fast time-to-trip
• Cured, flame retardant
epoxy polymer insulating
material meets UL 94V-0
requirements
• USB hubs, ports
and peripherals
• IEEE1394 ports
• Computers & peripherals
• Motor protection
• General electronics
• Automotive applications
• Industrial controls
• Transformers
I
hold = Hold current: maximum current device will pass without tripping in 20°C still air.
I
trip = Trip current: minimum current at which the device will trip in 20°C still air.
V
max = Maximum voltage device can withstand without damage at rated current (I max)
I
max = Maximum fault current device can withstand without damage at rated voltage (Vmax)
P
d = Power dissipated from device when in the tripped state at 20°C still air.
R
min = Minimum resistance of device in initial (un-soldered) state.
R
typ = Typical resistance of device in initial (un-soldered) state.
R
1max = Maximum resistance of device at 20°C measured one hour after tripping or reflow
soldering of 260°C for 20 sec.
Caution: Operation beyond the specified rating may result in damage and possible arcing
and flame.
Agency Approvals
AGENCY
AGENCY FILE NUMBER
E183209
R50082521


Similar Part No. - 60R300

ManufacturerPart #DatasheetDescription
logo
Littelfuse
60R300 LITTELFUSE-60R300 Datasheet
152Kb / 2P
Radial Leaded PTC
60R300 LITTELFUSE-60R300 Datasheet
210Kb / 7P
Radial Leaded
60R300XF LITTELFUSE-60R300XF Datasheet
210Kb / 7P
Radial Leaded
More results

Similar Description - 60R300

ManufacturerPart #DatasheetDescription
logo
Littelfuse
16VT170 LITTELFUSE-16VT170 Datasheet
420Kb / 5P
POLYFUSE짰 Resettable PTCs
06R075B LITTELFUSE-06R075B Datasheet
530Kb / 5P
POLYFUSE짰 Resettable PTCs
15ST120 LITTELFUSE-15ST120 Datasheet
299Kb / 3P
POLYFUSE짰 Resettable PTCs
15LT070 LITTELFUSE-15LT070 Datasheet
358Kb / 4P
POLYFUSE짰 Resettable PTCs
2016L030 LITTELFUSE-2016L030 Datasheet
341Kb / 4P
POLYFUSE짰 Resettable PTCs
600R150 LITTELFUSE-600R150 Datasheet
354Kb / 5P
POLYFUSE짰 Resettable PTCs
0603L LITTELFUSE-0603L_10 Datasheet
316Kb / 5P
POLYFUSE짰 Resettable PTCs
250S130_0911 LITTELFUSE-250S130_0911 Datasheet
464Kb / 5P
POLYFUSE짰 Resettable PTCs
30R500UMR LITTELFUSE-30R500UMR Datasheet
259Kb / 7P
POLYFUSE짰 Resettable PTCs
1210L110WR LITTELFUSE-1210L110WR Datasheet
157Kb / 5P
POLYFUSE짰 Resettable PTCs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com