Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7967 Datasheet(PDF) 1 Page - Vitesse Semiconductor Corporation

Part # VSC7967
Description  PON Integrated 155 Mbps to 2.5 Gbps Burst-mode Laser Driver and Limiting Amplifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7967 Datasheet(HTML) 1 Page - Vitesse Semiconductor Corporation

  VSC7967 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC7967 Datasheet HTML 2Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VSC7967
TRANSPORT PHYSICAL LAYER
VPPD-01356
Revision 1.0
VSC7967
GPON ONU Module
VSC7967
Burst-mode Laser Driver
Connector
Triplexor
Microcontroller
SPI
Fault and
Control Logic
ADC
Analog MUX
VSC7970
at
1490 nm
Laser at
1310 nm
Analog
Video
Receive
at
1555 nm
CATV Receive
Video Amplifier
Downstream Video at 1555 nm
Downstream Receive Data at 1490 nm
Upstream Data at 1310 nm
Limiting Amplifier
MON_SEL
FEA TURES:
APPLICA TIONS:
APPLICA TION DIAGRAM:
BENEFITS:
APC loop requires no initialization phase
VSC7967 meets the specification for BPON, GE-PON, and GPON
Burst enable input supports LVPECL, LVDS, and LVTTL output levels
Selectable resistance on monitor diode input
Laser driver crossing point control
Built-in eye safety support
Laser driver is ready to transmit upon power up
Allows the VSC7967 to be used in both PON and SFP module
solutions
Allows PON module to interoperate with multiple upstream devices
Improves accuracy of the monitor diode input by allowing the user to
select the resistance and capacitance in the input
Enables the user to adjust the level of the crossing point on the laser
driver output
No external components are required to meet IEC-60825 eye safety
specifications
BPON, GE-PON, and GPON burst-mode laser driver
SPECIFICA TIONS:
Package size: 5 mm x 5 mm QFN
Maximum modulation = 80 mA
Typical core power = 330 mW
Operating temperature range = -40 °C to 100 °C
PON Integrated 155 Mbps to 2.5 Gbps Burst-mode Laser Driver and Limiting Amplifier


Similar Part No. - VSC7967

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7961 VITESSE-VSC7961 Datasheet
95Kb / 10P
3.125Gb/s PECL Limiting Amplifier with LOS Detect
VSC7961W VITESSE-VSC7961W Datasheet
95Kb / 10P
3.125Gb/s PECL Limiting Amplifier with LOS Detect
VSC7961YD VITESSE-VSC7961YD Datasheet
95Kb / 10P
3.125Gb/s PECL Limiting Amplifier with LOS Detect
VSC7964 VITESSE-VSC7964 Datasheet
525Kb / 2P
1/2/4 Gbps Integrated VCSEL Driver and Limiting Amplifier
VSC7965 VITESSE-VSC7965 Datasheet
1Mb / 2P
PON Integrated 155 Mbps to 1.25 Gbps Burst-mode Laser Driver and Limiting Amplifier
More results

Similar Description - VSC7967

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ONET2501PA TI-ONET2501PA Datasheet
187Kb / 8P
155-Mbps TO 2.5-Gbps LIMITING AMPLIFIER
ONET3301PA TI-ONET3301PA Datasheet
253Kb / 12P
155-MBPS TO 3.3-GBPS LIMITING AMPLIFIER
logo
Vitesse Semiconductor C...
VSC7398 VITESSE-VSC7398 Datasheet
491Kb / 2P
155 Mbps to 1.25 Gbps Laser Driver and Post Amplifier
VSC7965 VITESSE-VSC7965 Datasheet
1Mb / 2P
PON Integrated 155 Mbps to 1.25 Gbps Burst-mode Laser Driver and Limiting Amplifier
VSC7966 VITESSE-VSC7966 Datasheet
230Kb / 2P
155 Mbps to 1.25 Gbps Laser Driver and Post Amplifier
logo
Texas Instruments
ONET2511PA TI-ONET2511PA Datasheet
624Kb / 14P
155-mbps to 2.5-gbps Limiting amplifier
ONET3301PARGTT TI-ONET3301PARGTT Datasheet
914Kb / 18P
155-Mbps To 3.3-Gbps LIMITING AMPLIFIER
ONET3301PARGTTG4 TI-ONET3301PARGTTG4 Datasheet
914Kb / 18P
155-Mbps To 3.3-Gbps LIMITING AMPLIFIER
logo
M/A-COM Technology Solu...
02090-BRF-001-A MA-COM-02090-BRF-001-A Datasheet
493Kb / 2P
3.3V Burst-Mode Laser Driver and Integrated Limiting Amplifier with
M02090 MA-COM-M02090 Datasheet
493Kb / 2P
3.3V Burst-Mode Laser Driver and Integrated Limiting Amplifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com