Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8145 Datasheet(PDF) 1 Page - Vitesse Semiconductor Corporation

Part # VSC8145
Description  2.5G Multi-rate SONET/SDH Transceiver Family
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8145 Datasheet(HTML) 1 Page - Vitesse Semiconductor Corporation

  VSC8145 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC8145 Datasheet HTML 2Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SPECIFICA TIONS:
VSC8142
Rates: OC-48/12/3, FEC, GbE, Fibre Channel and Other Various Data Rates
Power Dissipation: 700mW
Selectable Reference Clock Frequency (78MHz or 155MHz)
Supply Voltage: 2.5V or Optional 2.5V/3.3V
23mm x 23mm, 208 BGA Package
16-bit LVPECL Parallel Interface
Operating Temperature Ranges: -40
°C to +85°C Ambient, 0°C to 70°C Ambient
VSC8145
Rates: OC-48/-12/-3, FEC, GbE, Fibre Channel and Other Various Data Rates
Power Dissipation: 800mW
Selectable Reference Clock Frequency (155MHz or 622MHz)
Supply Voltage: 2.5V
21mm x 21mm, 156 BGA Package
4-bit LVDS Parallel Interface
Operating Temperature Ranges: -40
°C to +85°C Ambient, 0°C to 70°C Ambient
VSC8147
Rates: OC-48, FEC
Power Dissipation: 800mW
Supply Voltage: 2.5V
14mm x 14mm, 100-pin PQFP Package
4-bit LVDS Parallel Interface
Operating Temperature Ranges: -40
°C to +85°C Ambient, 0°C to 70°C Ambient
FEA TURES:
OC-48/-12/-3, FEC, GbE, Fibre Channel and Other Various Data Rates
Integrated Clock Recovery and Clock Multiplier Units
Wide Ranging PLLs with Bypass Capabilities
Low-speed Bit Order Swap (MSB/LSB)
On-board FIFO with Auto-reset Function
High-speed Clock Output Power-down Option
LOS Detect with Auto-lock to Reference Clock
Facility, Equipment, and Split Loopback Modes
0.18_
µ CMOS Technology
APPLICA TIONS:
SONET/SDH Systems
DWDM Systems
Optical Crossconnects
Optical Test Equipment
2.5G Multi-rate SONET/SDH Transceiver Family
PHYSICAL LAYER PRODUCTS
PB-VSC8142,45,47-001
VSC8142, 8145, 8147


Similar Part No. - VSC8145

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC8140 VITESSE-VSC8140 Datasheet
528Kb / 34P
2.48832Gb/s 16:1 SONET/SDH Transceiver with Integrated Clock Generator
VSC8140QR VITESSE-VSC8140QR Datasheet
528Kb / 34P
2.48832Gb/s 16:1 SONET/SDH Transceiver with Integrated Clock Generator
VSC8140TW VITESSE-VSC8140TW Datasheet
528Kb / 34P
2.48832Gb/s 16:1 SONET/SDH Transceiver with Integrated Clock Generator
VSC8141 VITESSE-VSC8141 Datasheet
13Kb / 1P
Multi-Rate 16:1 SONET/SDH Transceiver with Integrated Clock Generator
VSC8141QR VITESSE-VSC8141QR Datasheet
13Kb / 1P
Multi-Rate 16:1 SONET/SDH Transceiver with Integrated Clock Generator
More results

Similar Description - VSC8145

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC8122 VITESSE-VSC8122 Datasheet
346Kb / 14P
Multi-Rate SONET/SDH Clock and Data Recovery IC
logo
Broadcom Corporation.
BCM8128 BOARDCOM-BCM8128 Datasheet
125Kb / 1P
MULTI RATE 10GBPS SONET / SDH/ 10GE/FEC MUX
BCM8129 BOARDCOM-BCM8129 Datasheet
123Kb / 1P
MULTI RATE 10 GBPS SONET SDH / 10GE / FEC DEMUX
logo
List of Unclassifed Man...
SI5022 ETC1-SI5022 Datasheet
399Kb / 22P
MULTI-RATE SONET/SDH CDR IC WITH LIMITING AMP
logo
Vitesse Semiconductor C...
VSC9180 VITESSE-VSC9180 Datasheet
857Kb / 2P
VSC9180 Arapahoe - 2.5G SONET/SDH Backplane Transceiver
logo
List of Unclassifed Man...
S3076 ETC1-S3076 Datasheet
158Kb / 18P
MULTI-RATE SONET/SDH CLOCK RECOVERY UNIT
logo
Vitesse Semiconductor C...
VSC8141 VITESSE-VSC8141 Datasheet
13Kb / 1P
Multi-Rate 16:1 SONET/SDH Transceiver with Integrated Clock Generator
logo
Zarlink Semiconductor I...
ZL30120 ZARLINK-ZL30120 Datasheet
324Kb / 27P
SONET/SDH/Ethernet Multi-Rate Line Card Synchronizer
logo
Silicon Laboratories
SI5023 SILABS-SI5023 Datasheet
781Kb / 28P
MULTI-RATE SONET/SDH CDR IC WITH LIMITING AMPLIFIER
SI5022 SILABS-SI5022 Datasheet
333Kb / 28P
MULTI-RATE SONET/SDH CDR IC WITH LIMITING AMPLIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com