Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI9030 Datasheet(PDF) 3 Page - PLX Technology

Part # PCI9030
Description  SMARTarget??I/O Accelerator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLX [PLX Technology]
Direct Link  http://www.plxtech.com
Logo PLX - PLX Technology

PCI9030 Datasheet(HTML) 3 Page - PLX Technology

  PCI9030 Datasheet HTML 1Page - PLX Technology PCI9030 Datasheet HTML 2Page - PLX Technology PCI9030 Datasheet HTML 3Page - PLX Technology PCI9030 Datasheet HTML 4Page - PLX Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
GPIO's and Programmable Chip selects
save additional valuable board space. The
PCI 9030 enables a whole new generation
of mini form factor PCI cards. This is
shown in figure 3 and 4:
Additional Features
s
5V Tolerant Operation- The PCI 9030
requires 3.3 Vcc. It provides 3.3V signal-
ing with 5V I/O tolerance on the PCI
and Local Buses.
s
Serial EEPROM Interface-Contains an
interface for an optional serial EEPROM
that can be used to load configuration
information.
s
Clocks-The Local Bus runs from a local
bus clock and asserts the necessary
internal clocks. This clock runs asynchro-
nously to the PCI clock. The PCI 9030
provides a PCI Buffered clock which can
be used as a local bus clock if desired.
s
PCI Power Management supports both
D0, D3hot and D3cold power states.
s
3.3V, 5V Tolerant PCI Signaling enables
universal PCI adapters
s
3.3V CMOS device in space saving 180
pin BGA or 176-PQFP
PCI 9030 Applications
PCI Target Adapter Card
The PCI 9030 can be used in a wide vari-
ety of applications in networking, telecom,
imaging, industrial and storage. The PCI
9030 simplifies migration of legacy designs
to PCI by providing a convenient off-the-
shelf solution that can enable you to
have your prototypes operational in as
little as one week. At the same time, the
PCI 9030's built in SMARTarget perfor-
mance features guarantee you will meet
or beat your performance goals. In addi-
tion, SMARTarget flexibility features such
as 3.3V and 5V tolerant I/O buffers and
local bus operation up to 60MHz, enable
you to connect a wide variety of memory
and I/O devices. With SMARTarget in
action, PCI Target Adapter designs have
never been simpler. Figure 1 shows a
typical PCI Target adapter card.
CompactPCI Hot Swap Adapter Card
Hot Swap capability is a requirement for
today's CompactPCI systems.
The PCI 9030 provides an
excellent solution because it is
the industry's first Hot Swap
Ready Target chip. SMARTarget
Technology will ensure a high
performance Hot Swap imple-
mentation. The PCI 9030 is a
PICMG v2.1 Hot Swap Ready
target device including the
following features:
s
PCI specification v2.1
or better
s
Tolerant of Vcc from early power
s
Tolerant of asynchronous reset
s
Tolerant of precharge voltage
s
Has limited I/O pin leakage at
precharge voltage
s
Incorporates the Hot Swap
Control/Status Register (HS_CSR)
s
Incorporates an Extended Capability
Pointer (ECP) mechanism
s
Incorporates added resources for soft-
ware control of ENUM#, the ejector
switch, and the status LED which
indicates to the user insertion /removal
s
Precharge BIOS internal to the
PCI 9030
s
Early power support internal to the
PCI 9030
Figure 2 shows a typical Compact PCI
Hot Swap adapter card.
Small Form Factor PCI Designs
In the real estate conscious world of
PMC, PC-MIP, and PCMCIA PC-Cards,
the PCI 9030's attractive packaging
options are the perfect solution.
SMARTarget Flexibility features such as
32-bit 60MHz Local Bus
I/O
Memory
PCI 9030
SMARTarget™
Device
( BGA)
Figure 3.
PMC Card
PCI 9030
SMARTarget™
Device
( BGA)
32-bit 60MHz
Local Bus
Memory
I/O
Figure 4.
PCMCIA PC-CARD



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com