Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI9030 Datasheet(PDF) 4 Page - PLX Technology

Part # PCI9030
Description  SMARTarget??I/O Accelerator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLX [PLX Technology]
Direct Link  http://www.plxtech.com
Logo PLX - PLX Technology

PCI9030 Datasheet(HTML) 4 Page - PLX Technology

  PCI9030 Datasheet HTML 1Page - PLX Technology PCI9030 Datasheet HTML 2Page - PLX Technology PCI9030 Datasheet HTML 3Page - PLX Technology PCI9030 Datasheet HTML 4Page - PLX Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
PLX Technology, Inc.
390 Potrero Ave.
Sunnyvale, CA 94085 USA
Tel: 1-800-759-3735
Fax: 1-408-774-2169
Email: info@plxtech.com
Web Site: www.plxtech.com
© 2001 by PLX Technology, Inc. All rights reserved. PLX and Data Pipe Architecture are trademarks of PLX Technology, Inc. All oth
er product names that appear in this material are for identication purposes only and are acknowledged to be
trademarks or registered trademarks of their respective companies. Information supplied by PLX is believed to be accurate and r
eliable, but PLX Technology, Inc. assumes no responsibility for any errors that may appear in this material. PLX
Technology, Inc. reserves the right, without notice, to make changes in product design or specication.
Development Tool Support
As any good designer knows, development tools are just as important as the chips themselves. That is why PLX provides a
complete PCI development environment to speed your time to market. The PCI 9030 is supported with a complete Reference
Design Kit (RDK) with software debug support, and a hardware development kit (HDK) CD-ROM. These tools provide the
easiest PCI target prototyping platform available. With the PLX PCI development environment you can have your hardware
and software prototypes running in as little as one week.
9030-SIL-PB-P1-03
7/2000 5K
CompactPCI®
Product Ordering Information
See PLX web site for latest version and product support information.
Part Number
Description
PCI 9030-AA60PI
PCI SMARTarget I/O Accelerator (PQFP)
PCI SMARTarget I/O Accelerator (PQFP) (Lead-Free)
PCI SMARTarget I/O Accelerator ( BGA) (Lead-Free)
PCI 9030-AA60PI F
PCI 9030-AA60BI F
PCI 9030-AA60BI
PCI SMARTarget I/O Accelerator ( BGA)
PCI 9030RDK-LITE
PCI 9030 Reference Design kit
CompactPCI 9030RDK-LITE
CompactPCI 9030 Reference Design Kit
HDK Collection CD-ROM
Hardware Development Kit Collection CD-ROM
Host-SDK
Windows Host Side Software Development Kit
32-bit, 33MHz PCI Bus
32-bit, 60MHz Local Bus
Endian
Control Logic
Local Bus
Control Logic
Dynamic Data
Bus Width
Control Logic
Multiplexed/
Non Multiplexed
Control Logic
Local Bus
Interface
Control Logic
PCI Bus
Control Logic
Hot Swap
Control Logic
PCI Bus
Interface
Control Logic
Read
FIFO
Write
FIF0
FIFO
Control
Logic
Local
Conguration
Register
PCI
Conguration
Register
Serial
EEPROM
Controller
PLX PCI 9030 Block Diagram



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com