Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI9030 Datasheet(PDF) 1 Page - PLX Technology

Part # PCI9030
Description  SMARTarget??I/O Accelerator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLX [PLX Technology]
Direct Link  http://www.plxtech.com
Logo PLX - PLX Technology

PCI9030 Datasheet(HTML) 1 Page - PLX Technology

  PCI9030 Datasheet HTML 1Page - PLX Technology PCI9030 Datasheet HTML 2Page - PLX Technology PCI9030 Datasheet HTML 3Page - PLX Technology PCI9030 Datasheet HTML 4Page - PLX Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PCI 9030
SMARTarget
™ I/O Accelerator
As PCI evolves in today's complex systems, PLX continues to provide market
leading, high performance 32-bit PCI solutions. In this tradition, PLX is offering
the PCI 9030 SMARTarget I/O Accelerator.
There are many ways to do a PCI target design. Many PCI chip and core
designs only attempt to implement the minimum PCI v2.1 bus interface signaling
and call it complete. This leaves the burden of connectivity, performance and
system compatibility on the designer. Only the PCI 9030 has SMARTarget tech-
nology, a set of advanced features which go far beyond the minimum to pro-
vide the best possible performance and flexibility to simplify the design. A basic
target design is one thing, but a SMARTarget design is much more.
The PCI 9030 brings PLX's industry leading experience in the world of PCI
designs to you in a way that is simple and convenient to use. The PCI 9030 is
the perfect solution for applications such as:
Migrating Legacy Designs to PCI
Whether you are migrating an ISA or other older design to PCI, or upgrading
your current PCI target design, the PCI 9030 with SMARTarget technology pro-
vides the fastest and easiest route to PCI. The PCI 9030 has the industry's most
flexible local bus which allows for multiple interface options to a wide variety
of memory and I/O devices. Combine that with fully tested, compatible PCI v2.2
compliance, and your design risk is virtually zero.
CompactPCI Hot Swap Designs
Building upon PLX's experience in CompactPCI, the PCI 9030 is the industry's
first CompactPCI Hot Swap Ready Target device. This allows all of your
CompactPCI I/O board designs to be compatible with both traditional
CompactPCI and the new Hot Swap system designs.
Smaller Form Factor Designs
The PCI 9030 offers a 180-pin BGA packaging option. Where space is a consid-
eration, this ultra-thin, dime-sized package is an ideal solution. This allows for
flexibility in real estate sensitive designs such as PMC or PC-MIP Mezzanine
cards, and PCMCIA PC-Cards.
SMARTarget Technology
Performance Features
s
PCI v2.2 compliant 32-bit
33MHz Target Interface Chip
enabling PCI Burst Transfers
up to 132Mbytes/second.
s
Up to 60MHz Local Bus oper-
ation enabling burst transfers
up to 240Mbytes/second
s
PCI Target Read Ahead Mode
s
PCI Target Programmable
Burst
s
PCI Target Delayed Write
s
Posted Memory Writes
Flexibility Features
s
Programmable 32-bit Local
Bus operates up to 60MHz
s
Supports 5 PCI to Local
Address spaces
s
Nine Programmable GPIOs
s
Four programmable
Chip selects
s
CompactPCI Hot Swap Ready
s
Big/Little Endian Conversion
s
Interrupt Generator
s
PCI v1.1 Power Management.
s
3.3V, 5V Tolerant PCI Signaling
s
3.3V CMOS device in 180-pin
BGA or 176-pin PQFP
s
JTAG
Actual
Size


Similar Part No. - PCI9030

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PCI9030 ETC-PCI9030 Datasheet
323Kb / 4P
SMARTarget??I/O Accelerator
More results

Similar Description - PCI9030

ManufacturerPart #DatasheetDescription
logo
Winbond
W83627HF WINBOND-W83627HF Datasheet
1Mb / 185P
WINBOND I/O
W83697HF WINBOND-W83697HF Datasheet
1Mb / 167P
WINBOND I/O
W83977EF WINBOND-W83977EF Datasheet
736Kb / 150P
WINBOND I/O
logo
List of Unclassifed Man...
PCI9030 ETC-PCI9030 Datasheet
323Kb / 4P
SMARTarget??I/O Accelerator
PLI9080 ETC-PLI9080 Datasheet
883Kb / 133P
PCI I/O ACCELERATOR
logo
PLX Technology
PCI9054 PLX-PCI9054 Datasheet
387Kb / 4P
PCI Bus Master I/O Accelerator Chip
PCI9080 PLX-PCI9080 Datasheet
410Kb / 2P
I2O Compatible PCI Bus Master I/O Accelerator Chip
logo
Communications & Power ...
VWP1133 CPI-VWP1133 Datasheet
124Kb / 1P
Accelerator
logo
Crydom Inc.,
M-IAC5 CRYDOM-M-IAC5_11 Datasheet
576Kb / 4P
I/O Modules
PB-4C4 CRYDOM-PB-4C4 Datasheet
1Mb / 3P
I/O Modules
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com