Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI9054 Datasheet(PDF) 3 Page - PLX Technology

Part # PCI9054
Description  PCI Bus Master I/O Accelerator Chip
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLX [PLX Technology]
Direct Link  http://www.plxtech.com
Logo PLX - PLX Technology

PCI9054 Datasheet(HTML) 3 Page - PLX Technology

  PCI9054 Datasheet HTML 1Page - PLX Technology PCI9054 Datasheet HTML 2Page - PLX Technology PCI9054 Datasheet HTML 3Page - PLX Technology PCI9054 Datasheet HTML 4Page - PLX Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
s
Has limited I/O pin leakage at
precharge voltage
Hot Swap Friendly
s
Incorporates the Hot Swap
Control/Status register (HS_CSR)
s
Incorporates an Extended Capability
Pointer (ECP) mechanism
s
Incorporates added resources for soft-
ware control of ENUM#, the ejector
switch, and the status LED, which indi-
cates to the user insertion/removal
PCI Bus Embedded Host Design
Another application for the PCI 9054 is
PCI host embedded system designs such
as network switches and routers, printer
engines, set-top boxes and industrial
equipment. In this configuration, the PCI
9054 Data Pipe Architecture allows high
performance transfer modes. In addition,
the PCI 9054 supports both Type 0 and
Type 1 PCI configuration cycles which
allows the PCI 9054 to configure other
PCI devices or cards in the system.
Additional Features
General Purpose Bus Master Operation
s
Advanced Data Pipe Architecture
includes DMA engines, PCI Initiator, PCI
Target, and PCI messaging functions.
s
Dual independently programmable
Data Pipe Architecture DMA engines
with programmable FIFOs. Each channel
supports block and scatter/gather
DMA modes.
s
5V Tolerant Operation-The PCI 9054
requires 3.3 Vcc. It provides 3.3V signal-
ing with 5V I/O tolerance on both the
PCI and Local Buses.
s
Programmable Prefetch Counter-The PCI
9054 can be programmed to prefetch
data during PCI Initiator and PCI Target
operations. The prefetch size can be
programmed to match the master burst
length or can be used as Read Ahead
mode data. The PCI 9054 reads single
data (8-, 16-, or 32-bit) if the master
initiates a single cycle; otherwise, the PCI
9054 prefetches the programmed size.
s
Six Programmable FIFOs for concurrent
burst transactions
s
Zero wait state burst operation
s
Serial EEPROM Interface-Contains an
interface for an optional serial EEPROM
that can be used to load configuration
information. The PCI 9054 can also be
configured by a local CPU.
s
Clock-The Local Bus interface runs from
a local TTL clock and asserts the neces-
sary internal clocks. This clock runs
asynchronously to the PCI clock.
s
Big/Little Endian Conversion-Supports
dynamic switching between Big
Endian and Little
Endian data for PCI
Initiator, PCI Target,
DMA, and internal
register accesses on
the Local Bus
s
Fully supports the
Vital Product
Data (VPD) PCI
extension-Provides
an alternate access
method other than
Expansion ROM for
Vital Product Data
s
Interrupt Generator-
Can assert PCI and local
interrupts from external
and internal sources
s
Posted Memory Writes-Supports Posted
Memory Writes (PMW) for maximum
performance and to avoid potential
deadlock situations
PCI Bus Operation
s
PCI Dual-Address Cycle (DAC)-Support
(64-bit Address Space) enables 64-bit
addressing in 64-bit PCI host systems
s
PCI Power Management-Supports four
power states for PCI functions D0, D1,
D2, and D3hot and the Power
Management Event interrupt (PME#)
s
New Capabilities Structure-Supports
New Capabilities registers to define
additional capabilities of PCI functions
Local Bus Operation
s
Programmable Local Bus-Runs up
to 50MHz and supports non-multi-
plexed 32-bit address/data, multiplexed
32-bit, and slave accesses of 8-, 16-, or
32-bit Local Bus devices. Allows Local
Bus bursting up to 200Mbytes/second.
s
Three PCI-to-Local Address Spaces-The
PCI 9054 supports three PCI-to-Local
Address spaces when the PCI 9054 is
in PCI Target mode. These spaces (Space
0, Space 1, and Expansion ROM spaces)
allow any PCI Bus Master to access
the local memory spaces with program-
mable wait states, bus width, and burst
capabilities.
Local Bus
I/O Chips (Datacom, Telecom, Storage, etc.)
I/O
CPU
ROM
PCI 9054
I/O Accelerator
RAM
PCI Bus
Local Bus
PCI Slots
PCI I/O
I/O Chips (Datacom,
Telecom, Storage
, etc.)
I/O
I/O
PCI Bus
CPU
MEM
PCI 9054
I/O Accelerator
I/O
Figure 2. High Performance CompactPCI Adapter
Figure 3.
PCI Bus Embedded
Host Design



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com