Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI9054 Datasheet(PDF) 4 Page - PLX Technology

Part # PCI9054
Description  PCI Bus Master I/O Accelerator Chip
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLX [PLX Technology]
Direct Link  http://www.plxtech.com
Logo PLX - PLX Technology

PCI9054 Datasheet(HTML) 4 Page - PLX Technology

  PCI9054 Datasheet HTML 1Page - PLX Technology PCI9054 Datasheet HTML 2Page - PLX Technology PCI9054 Datasheet HTML 3Page - PLX Technology PCI9054 Datasheet HTML 4Page - PLX Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
© 2001 PLX Technology, Inc. All rights reserved. PLX and PLXMon are trademarks of PLX Technology, Inc. All other product names
that appear in this material are for identication purposes only and are acknowledged to be
trademarks or registered trademarks of their respective companies. Information supplied by PLX is believed to be accurate and r
eliable, but PLX Technology, Inc. assumes no responsibility for any errors that may appear in this
material. PLX Technology reserves the right, without notice, to make changes in product design or specication.
.
enable designers to quickly bring new
designs to production without worrying
about the complexities of implementing
PCI and I 2O.
The PCI 9054 is fully compatible
with PLX’s PCI SDK and I 2O SDK
software development kits which allow
quick and easy development of high per-
formance local and host PCI software
Dir. Slave Read
FIFOs
PCI Bus
State
Machines
Internal
Registers
PCI Con g
Local Con g
Run-Time
DMA
I2O Messaging
Local Bus
State
Machines
Local Bus
Interface:
– Dynamic Bus
Width 8,16
or 32-bit
– Endian
Conversion
– Muxed or
non-Muxe
Addr/Data
PCI Bus
Interface
Control
Logic
PCI Initiator
(for Ch 0/1
DMA Xfers)
PCI Initiator
(For Direct
Master Xfers)
Local Slave
(for Direct
Master Xfers)
Local Master
(for Ch 0/1
DMA Xfers)
Serial
EEPROM
Initialization
DMA Scatter/Gather
I20 Messaging
DMA
Unaligned Xfer
PCITarget
(For Direct
Slave Xfers)
DMA 0 PCI-Loc
DMA 1 PCI-Loc
Dir. Slave Read
Dir. Master Read
Dir. Master Write
Dir. Slave Write
Local Master
(for Direct
Slave Xfers)
PCI 9054 Internal Block Diagram
Product Ordering Information
PCI to Local Bus Master I/O Accelerator Chip PQFP Package (Lead-Free)
PCI 9054-AC50PI F
PCI to Local Bus Master I/O Accelerator Chip PQFP Package
PCI 9054-AC50PI
PCI to Local Bus Master I/O Accelerator Chip PBGA Package (Lead-Free)
PCI 9054-AC50BI F
PCI to Local Bus Master I/O Accelerator Chip PBGA Package
PCI 9054-AC50BI
CompactPCI 9054RDK-86
PCI 9054 Reference Design Kit with Motorola MPC860 PowerQUICC CPU
PCI SDK
PCI Software Development Kit for Motorola MPC860 PowerQUICC CPU
I2O SDK
I2O Software Development Kit for Motorola MPC860 PowerQUICC CPU
Development Tool Support
PLX recognizes that software often repre-
sents the largest investment in develop-
ment. The PCI 9054 is supported by a
variety of development tools designed
to assist the designer in the form of
Reference Design Kits (RDK), and
Software Design Kits (SDK). These Kits
through standard APIs, I 2O messaging
protocols, PCI debug tools, and example
drivers.
PCI 9054 design support is provided
through RDKs which provide a exible
PCI development board, complete with
Orcad schematics, documentation,
and software.
9054-SIL-PB-P2-2.0
6/00 4K
PLX Technology, Inc.
870 Maude Ave.
Sunnyvale, CA 94085 USA
Tel: 1-800-759-3735
Tel: 1-408-774-9060
Fax: 1-408-774-2169
Email: info@plxtech.com
Web Site: www.plxtech.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com