Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI9054 Datasheet(PDF) 1 Page - PLX Technology

Part # PCI9054
Description  PCI Bus Master I/O Accelerator Chip
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLX [PLX Technology]
Direct Link  http://www.plxtech.com
Logo PLX - PLX Technology

PCI9054 Datasheet(HTML) 1 Page - PLX Technology

  PCI9054 Datasheet HTML 1Page - PLX Technology PCI9054 Datasheet HTML 2Page - PLX Technology PCI9054 Datasheet HTML 3Page - PLX Technology PCI9054 Datasheet HTML 4Page - PLX Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PCI 9054
PCI Bus Master I/O Accelerator Chip
Continuing our tradition of providing the world’s most advanced and highest
performance PCI-to-Local bus devices, PLX is offering the PCI 9054 Bus Master
I/O Accelerator. The PCI 9054 is an ideal solution for high performance
Motorola MPC 850/860 PowerQUICC
® designs, CompactPCI® Hot Swap adapters,
PCI bus master adapters, and embedded host designs. The PCI 9054 offers a
variety of technological advances and features designed to simplify complex
telecom, networking and I/O adapter embedded designs.
Motorola MPC 850/860 PowerQUICC Designs
The 3.3V PCI 9054 is a perfect match for high performance MPC 850/860 adapter
designs. The PCI 9054 provides an advanced Data Pipe Architecture
TM with two
DMA engines, an enhanced direct-connect interface to the MPC 850/860, a
50MHz Local bus, and an industrial temperature range 225-ball PBGA.
CompactPCI Hot Swap Adapter Designs
To address the expanding CompactPCI Hot Swap market, the PCI 9054 offers a
configurable Local Bus, unlimited bursting, and Hot Swap Friendly features like
the Hot Swap Configuration Register, and resources for software connection
control of the ENUM# signal, ejector switch, and the status LED.
Additional PCI Bus Master Features
For advanced high performance adapter designs, the PCI 9054 also offers Hot
Plug compatibility, power management and incorporates PLX’s proven industry
standard I2O v1.5 Ready messaging unit.
The flexible PCI 9054 local bus allows easy connection to a wide variety of
memory, I/O peripherals and CPUs including direct connections to the Motorola
MPC 850/860, Intel i960, IBM PPC 401 processors and many others. Take advan-
tage of what industry leaders already know: PLX PCI Accelerators are the solution
for leading telecom, networking, and I/O adapter designs.
Highlights
s
PCI v2.2 compliant 32-bit 33MHz
Bus Master Interface Controller
enables PCI Burst Transfers up to
132Mbytes/second
s
General Purpose Bus Master
Interface featuring an advanced
Data Pipe Architecture™ which
includes two DMA engines, pro-
grammable Target and Initiator
data transfer modes and PCI
messaging functions
s
PCI v2.2 Power Management
Spec compatible
s
PCI v2.2 Vital Product Data
(VPD) configuration support
s
PCI Dual Address Cycle
(DAC) support
s
Programmable Interrupt Generator
s
Programmable Burst
Management
s
Supports Type 0 and Type 1
Configuration Cycles
s
Supports Local Bus Direct-
Connect to MPC 850/860
PowerQUICC, Intel i960, and
IBM PPC 401 CPUs and similar
bus protocol devices
s
3.3V, 5V Tolerant PCI signaling
supports Universal PCI Adapter
designs
s
Flexible 3.3V, 5V Tolerant Local
Bus operation up to 50MHz
s
32-Bit Multiplexed, or Non-
Multiplexed Local Bus Supports
8-, 16-, and 32-Bit Peripheral
and Memory devices
s
CompactPCI Hot Swap Friendly
s
I2O v1.5 Ready Messaging Unit
s
Industrial Temp Range Operation
s
3.3V CMOS in 176-pin PQFP
or 225-ball PBGA packages


Similar Part No. - PCI9054

ManufacturerPart #DatasheetDescription
logo
PLX Technology
PCI9050 PLX-PCI9050 Datasheet
208Kb / 2P
Bus Target Interface Chip
PCI9050RDK PLX-PCI9050RDK Datasheet
208Kb / 2P
Bus Target Interface Chip
PCI9052 PLX-PCI9052 Datasheet
280Kb / 2P
32-bit, 33MHz PCI Target I/O Accelerator for 32-bit, 40MHz Generic and ISA Local Bus Designs
PCI9052G PLX-PCI9052G Datasheet
280Kb / 2P
32-bit, 33MHz PCI Target I/O Accelerator for 32-bit, 40MHz Generic and ISA Local Bus Designs
PCI9052RDK-LITE PLX-PCI9052RDK-LITE Datasheet
280Kb / 2P
32-bit, 33MHz PCI Target I/O Accelerator for 32-bit, 40MHz Generic and ISA Local Bus Designs
More results

Similar Description - PCI9054

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PCI9030 ETC-PCI9030 Datasheet
323Kb / 4P
SMARTarget??I/O Accelerator
PLI9080 ETC-PLI9080 Datasheet
883Kb / 133P
PCI I/O ACCELERATOR
logo
PLX Technology
PCI9030 PLX-PCI9030 Datasheet
416Kb / 4P
SMARTarget??I/O Accelerator
PCI9056 PLX-PCI9056 Datasheet
446Kb / 4P
32-bit, 66MHz PCI Bus Mastering I/O Accelerator for Motorola PowerQUICC??and Generic 32-bit, 66MHz Local Bus Designs
PCI9080 PLX-PCI9080 Datasheet
410Kb / 2P
I2O Compatible PCI Bus Master I/O Accelerator Chip
PCI9656 PLX-PCI9656 Datasheet
438Kb / 4P
64-bit, 66MHz PCI Bus Mastering I/O Accelerator for Motorola PowerQUICC??& Generic 32-bit, 66MHz Local Bus Designs
logo
List of Unclassifed Man...
APCI-IB40 ETC2-APCI-IB40 Datasheet
253Kb / 10P
32-bit PCI Local Bus I/O board
logo
Axiomtek Co., Ltd.
ETM620 AXIOMTEK-ETM620 Datasheet
224Kb / 1P
3 PCI Bus master, ISA Bus supported
ETM710 AXIOMTEK-ETM710 Datasheet
202Kb / 1P
4 PCI Bus master, ISA Bus supported
ETM831 AXIOMTEK-ETM831 Datasheet
259Kb / 1P
4 PCI Bus master, ISA Bus supported
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com