Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MATRIX-M2 Datasheet(PDF) 1 Page - SOVICO corp.

Part # MATRIX-M2
Description  Mic Station
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOVICO [SOVICO corp.]
Direct Link  http://sovico.co.kr/
Logo SOVICO - SOVICO corp.

MATRIX-M2 Datasheet(HTML) 1 Page - SOVICO corp.

  MATRIX-M2 Datasheet HTML 1Page - SOVICO corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
・동작 기능
전원 ON/OFF버튼, ALL버튼, TALK/VOLUME버튼, CHIME버튼,
그룹버튼(G1~G8) 8개, 프리셋버튼(P1~P8) 8개
출력채널버튼(Z1~Z16) 16개 제공
・우선순위 기능
두 가지 단계의 우선순위 설정으로 마이크 기능 사용 가능
・기기 확장성
LINK IN/OUT RJ45 단자를 통해 4대(총 8대)까지 확장 가능
・4종류의 CHIME 내장
4종류의 CHIME이 내장되어 있고 AUTO MODE로 전환 가능
・다양한 입력단자
전면의 XLR MIC 단자와 후면의 AUX 단자 보유
・OUTPUT LED
음의 출력을 눈으로 확인할 수 있도록 OUTPUT LED 장착
Matrix M2
Mic Station
2021.02
Copyright © SOVICO Professional all rights reserved.
전기적 특성
Rated Power
1.2V±200mV (Balanced)
Input Sensitivity/Impedance
MIC: -60dB/600Ω (Balanced)
AUX: -10dB/10kΩ (Unbalanced)
Frequency Response(±3dB)
MIC: 100Hz~15kHz
AUX: 20Hz~20kHz
T.H.D
MIC: 0.5% 이하
AUX: 0.2% 이하
S/N
MIC: 50dB 이상
AUX: 80dB 이상
Operating Temperature
-10℃ ~ +40℃
Storage Temperature
-20℃ ~ +60℃
일반적 특성
Power Supply
DC 24V
Weight
1020g
Dimensions
264(W) x 135(H) x 62(D) mm
부속품
Operation manual
1EA
Mic
1EA
RJ45 PLUG
2EA
Mic 특성
Directional Characteristis
Unudirectional Electret Condenser
30Hz~20kHz
200Ω
-40dB±2dB(0dB=1V/Pa at 1KHz)
Frequency Response
Output Impedance
Sensitivity
Max. 0.5mA
67dB
Current Consumption
S/N Ratio
※ 본 규격 및 성능은 예고 없이 당사 사정에 따라 일부 변동될 수 있습니다.


Similar Part No. - MATRIX-M2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MATRIX-M24SR STMICROELECTRONICS-MATRIX-M24SR Datasheet
408Kb / 6P
Various antenna designs
20-Dec-2013
More results

Similar Description - MATRIX-M2

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA2011S TOSHIBA-TA2011S Datasheet
213Kb / 5P
MIC AMP IC
logo
Bourns Electronic Solut...
7041 BOURNS-7041 Datasheet
394Kb / 1P
Station Enclosure
logo
Silan Microelectronics ...
SA2011 SILAN-SA2011 Datasheet
81Kb / 3P
MIC AMP IC
logo
SUYIN USA, INC.
050102FA SUYIN-USA-050102FA Datasheet
73Kb / 1P
MIC. PHONE HOLDER CONNECTOR
logo
Fuji Electric
EDS11-156A FUJI-EDS11-156A Datasheet
173Kb / 4P
MASTER STATION
logo
Bourns Electronic Solut...
7041 BOURNS-7041_07 Datasheet
156Kb / 1P
Station Enclosure
704110-B2 BOURNS-704110-B2 Datasheet
156Kb / 1P
Station Enclosure
logo
Rohm
BU26156RFS ROHM-BU26156RFS Datasheet
1Mb / 95P
Monoraul MIC Input with ALC
logo
NIHON DEMPA KOGYO
NV13M09WS NDK-NV13M09WS Datasheet
683Kb / 1P
Personal Radio Base Station and 5G Base Station
logo
Pepperl+Fuchs Inc.
IQZ-HH27-CHARGER1 PF-IQZ-HH27-CHARGER1 Datasheet
837Kb / 1P
Docking station
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com