Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P8AF Datasheet(PDF) 1 Page - SOVICO corp.

Part # P8AF
Description  Flying bar
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOVICO [SOVICO corp.]
Direct Link  http://sovico.co.kr/
Logo SOVICO - SOVICO corp.

P8AF Datasheet(HTML) 1 Page - SOVICO corp.

  P8AF Datasheet HTML 1Page - SOVICO corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PLA SERIES
P8AF : Flying bar
■
Key features
- PLA-8과 PLA-118S를 조합하여 Flying rigging과 Stack 형식 모두를 제공하는 Frame
- Full Aluminum
- Loading Capacity 1,600kg
- Max. 14pcs PLA-8 & 2pcs PLA-118S hanging
■
Specifications
Dimension(WHD) : 771.4 x 50 x 730 mm
Net Weight : 22 Kg
www.sac-audio.com
Copyright © 2014 SAC AUDIO All rights reserved
T. 02-2106-2865
F. 02-2106-2838
Feb. 2017.
· 본사/공장. 11517 경기도 양주시 백석읍 권율로1203번길 39-33
· 영업/AS. 06703 서울특별시 서초구 남부순환로 2271-5


Similar Part No. - P8AF

ManufacturerPart #DatasheetDescription
logo
HY-LINE Power Component...
P8A1205D HY-LINE-P8A1205D Datasheet
702Kb / 4P
8 W DC-DC Converter P8A-Series
Rev: 20171108 f
P8A1205S HY-LINE-P8A1205S Datasheet
702Kb / 4P
8 W DC-DC Converter P8A-Series
Rev: 20171108 f
P8A1209D HY-LINE-P8A1209D Datasheet
702Kb / 4P
8 W DC-DC Converter P8A-Series
Rev: 20171108 f
P8A1209S HY-LINE-P8A1209S Datasheet
702Kb / 4P
8 W DC-DC Converter P8A-Series
Rev: 20171108 f
P8A1212D HY-LINE-P8A1212D Datasheet
702Kb / 4P
8 W DC-DC Converter P8A-Series
Rev: 20171108 f
More results

Similar Description - P8AF

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN3370K PANASONIC-AN3370K Datasheet
42Kb / 4P
Flying-Erase IC
logo
TALEMA Group. LLC
AZ-0500 TALEMA-AZ-0500 Datasheet
316Kb / 2P
Flying Lead Current Transformers
logo
3M Electronics
R3379 3M-R3379 Datasheet
255Kb / 2P
Repulpable Splittable Flying Splice Tapes
Aug-2015
R7369 3M-R7369 Datasheet
29Kb / 3P
Repulpable Splittable Flying Splice Tapes
Apr-2013
906B 3M-906B Datasheet
202Kb / 2P
Repulpable Flying Splice Tape
Mar-2014
logo
Greystone Energy System...
PS-TNFL GREYSTONE-PS-TNFL Datasheet
292Kb / 2P
FLYING LEAD NETWORK TEMPERATURE SENSOR
PS-TSFL GREYSTONE-PS-TSFL Datasheet
167Kb / 1P
FLYING LEAD TEMPERATURE SENSOR
02/20
TLFL GREYSTONE-TLFL Datasheet
268Kb / 2P
FLYING LEAD LOW LIMIT THERMOSTAT
TNFL GREYSTONE-TNFL Datasheet
292Kb / 2P
FLYING LEAD NETWORK TEMPERATURE SENSOR
TXFL GREYSTONE-TXFL Datasheet
296Kb / 2P
FLYING LEAD TEMPERATURE TRANSMITTER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com