Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATTM01 Datasheet(PDF) 6 Page - Analog Microelectronics

Part # ATTM01
Description  Processor Thermal Monitor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

ATTM01 Datasheet(HTML) 6 Page - Analog Microelectronics

Back Button ATTM01 Datasheet HTML 2Page - Analog Microelectronics ATTM01 Datasheet HTML 3Page - Analog Microelectronics ATTM01 Datasheet HTML 4Page - Analog Microelectronics ATTM01 Datasheet HTML 5Page - Analog Microelectronics ATTM01 Datasheet HTML 6Page - Analog Microelectronics ATTM01 Datasheet HTML 7Page - Analog Microelectronics ATTM01 Datasheet HTML 8Page - Analog Microelectronics ATTM01 Datasheet HTML 9Page - Analog Microelectronics ATTM01 Datasheet HTML 10Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
AME, Inc.
6
ATTM01/ATTM02
Processor Thermal Monitor
Rev. B.01
7. Hardware Monitor Block
Hardware Monitor Interface
This chip is using the 2-wire SMBus serial inter-
face to control the hardware monitor function. The
major function of the hardware monitor is monitored
the remote diode and local diode temperature. It also
using the trimmed mechanism to control the accu-
racy of the temperature sensor under ± 1
. It also
℃
uses the 2-wire SMBus serial interface. The two in-
terrupt outputs ALERT# and OVER# are active low
at default state and can change these outputs to
active high when set bit 1 of register address 8’h31
to logic one. The slave address of SMBus can se-
lect by initial state of ALERT# when power on or
access the command index 8’h42. This chip pro-
vides two slave address 7
’h1001000 and
7
’h1001010 to avoid conflict with other devices.
SMBus
Codec
SMBCLK
SMBDATA
Control
Register
Status
Register
Remote
Data Control
Logic
Local Data
Control
Logic
ALERT _N
OVER _N
Sigma
-Delta
ADC
Control
DXP
DXN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com