Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATTM01 Datasheet(PDF) 13 Page - Analog Microelectronics

Part # ATTM01
Description  Processor Thermal Monitor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

ATTM01 Datasheet(HTML) 13 Page - Analog Microelectronics

Back Button ATTM01 Datasheet HTML 9Page - Analog Microelectronics ATTM01 Datasheet HTML 10Page - Analog Microelectronics ATTM01 Datasheet HTML 11Page - Analog Microelectronics ATTM01 Datasheet HTML 12Page - Analog Microelectronics ATTM01 Datasheet HTML 13Page - Analog Microelectronics ATTM01 Datasheet HTML 14Page - Analog Microelectronics ATTM01 Datasheet HTML 15Page - Analog Microelectronics ATTM01 Datasheet HTML 16Page - Analog Microelectronics ATTM01 Datasheet HTML 17Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
AME, Inc.
13
ATTM01/ATTM02
Processor Thermal Monitor
Rev. B.01
Type
Position
Bits
I
Function
NA
[7:1]
7
0
Reserved. Not implemented.
RO
[0]
1
0
The local diode temperature data. The LSB
denotes 0.5 ℃.
Field
Reserved
ADCLOCAL_DATA
9.21 Remote Diode Critical Hysteresis Temperature Register, Access Address:
“Command Index = 21h”
Type
Position
Bits
I
Function
NA
[7:5]
3
0
Reserved. Not implement.
W/R
[4:0]
5
8’hA
Hysteresis the remote diode temperature registers.
The default value is 10 ℃ and LSB denotes 1 ℃.
When temperature exceed the critical temperature
limit the OVER# pin will be activate and the
OVER# pin will be deactivate when temperature
below the critical temperature limit minus this
register value (CRITI_HYSTE).
Field
Reserved
CRITI_HYSTE
9.22 Local Diode Lower Byte Temperature Register, Access Address:
“Command Index = 30h”
9.23 Thermal Sensor Control Register, Access Address:
“Command Index = 31h”
Type
Position
Bits
I
Function
WR
[7]
1
0
Clear the ADC data.
WR
[5]
1
0
Enable the local diode temperature data without
moving average.
WR
[4]
1
0
Enable the remote diode temperature data without
moving average.
WR
[3]
1
0
When set to “1” then the internal clock and band
gap voltage can output from ALERT# and OVER#,
respectively.
WR
[2]
1
1
Enable the ADC measure the local diode.
WR
[1]
1
1
Change the polarity of ALERT# and OVER#. When
set to “0” these two signals change to active high
signal from active low.
WR
[0]
1
1
Enable the ADC measure the remote diode.
EN_ADCLOCAL
INT_POLARITY
EN_ADCREMOTE
CLEAR_REG
EN_DIRECT
EN_RADC_DIR
ANA_MODE
Field



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com