Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATTM01 Datasheet(PDF) 1 Page - Analog Microelectronics

Part # ATTM01
Description  Processor Thermal Monitor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

ATTM01 Datasheet(HTML) 1 Page - Analog Microelectronics

  ATTM01 Datasheet HTML 1Page - Analog Microelectronics ATTM01 Datasheet HTML 2Page - Analog Microelectronics ATTM01 Datasheet HTML 3Page - Analog Microelectronics ATTM01 Datasheet HTML 4Page - Analog Microelectronics ATTM01 Datasheet HTML 5Page - Analog Microelectronics ATTM01 Datasheet HTML 6Page - Analog Microelectronics ATTM01 Datasheet HTML 7Page - Analog Microelectronics ATTM01 Datasheet HTML 8Page - Analog Microelectronics ATTM01 Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
AME, Inc.
1
ATTM01/ATTM02
Processor Thermal Monitor
Rev. B.01
l Remote and Local Temperature Sensing.
l ±1℃ Accuracy.
l Programmable HIGH/LOW Alarm Temperature
Thresholds.
l ALERT# Output Supports SMBus Protocol.
l OVERT# Output Useful for System Shutdown.
l SMBus-compatible interface.
l SMBus timeout support.
l Packages: SOP-8 and MSOP-8
The ATTM01/ATTM02 are precision remote diode tem-
perature sensors with a 2-wire System Management Bus
(SMBus) serial interface. The ATTM01/ATTM02 measure:
(1) Local temperature and (2) the temperature of a remote
diode based transistor from Computer Processor Unit
(CPU), Graphic Processor Unit (GPU) or other ASICs.
The ATTM01/ATTM02 provide two system alarms:
ALERT# and OVERT#.
(1) ALERT# event occurs when any temperature goes
outside the value that setup by preprogrammed HIGH and
LOW temperature limit registers.
(2) OVERT# event occurs when any temperature ex-
ceeds the OVERT# programmed limit.
ATTM02 has a different SMBus address to the ATTM01.
The SMBus address of the ATTM01 is 0x90 and ATTM02
is 0x94.
1. General Description
2. Features
3. Pin Configuration/ Top Side Mark
Figure1. ATTM01/ATTM02 Pin Diagram (Top View)
VDD
1
8
SMBCLK
D+
2
7
SMBDATA
D-
3
6
ALERT#
OVERT#
4
5
GND


Similar Part No. - ATTM01

ManufacturerPart #DatasheetDescription
logo
ABB
ATTM450 ABB-ATTM450 Datasheet
279Kb / 12P
Switching - Loadbreak Switches IP65 Polycarbonate Enclosure
3/12
ATTM500 ABB-ATTM500 Datasheet
279Kb / 12P
Switching - Loadbreak Switches IP65 Polycarbonate Enclosure
3/12
ATTM560 ABB-ATTM560 Datasheet
279Kb / 12P
Switching - Loadbreak Switches IP65 Polycarbonate Enclosure
3/12
ATTM630 ABB-ATTM630 Datasheet
279Kb / 12P
Switching - Loadbreak Switches IP65 Polycarbonate Enclosure
3/12
More results

Similar Description - ATTM01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV7778S STMICROELECTRONICS-STV7778S Datasheet
125Kb / 11P
DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
Sep-1998
TDA9103 STMICROELECTRONICS-TDA9103 Datasheet
306Kb / 27P
DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
May-1996
logo
Texas Instruments
UC1730 TI-UC1730 Datasheet
284Kb / 5P
Thermal Monitor
logo
Samsung semiconductor
KS2508 SAMSUNG-KS2508 Datasheet
224Kb / 22P
OSD PROCESSOR FOR MONITOR
S5D2508A01 SAMSUNG-S5D2508A01 Datasheet
222Kb / 24P
OSD PROCESSOR FOR MONITOR
logo
Daewoo Semiconductor
DBL2071 DAEWOO-DBL2071 Datasheet
201Kb / 5P
HORIZONTAL PROCESSOR FOR MONITOR SET
logo
STMicroelectronics
TDA9108 STMICROELECTRONICS-TDA9108 Datasheet
201Kb / 9P
MONITOR HORIZONTAL PROCESSOR
Oct-1993
logo
Texas Instruments
UC3730N TI-UC3730N Datasheet
261Kb / 6P
Thermal Monitor
logo
ON Semiconductor
NVT224 ONSEMI-NVT224 Datasheet
618Kb / 58P
Remote Thermal Monitor
August, 2012 ??Rev. 1
logo
uPI Group Inc.
UP1905 UPI-UP1905 Datasheet
282Kb / 11P
High Accuracy Thermal Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com