Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1320 Datasheet(PDF) 9 Page - ams AG

Part # AS1320
Description  200mA Step-Up DC-DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1320 Datasheet(HTML) 9 Page - ams AG

Back Button AS1320 Datasheet HTML 4Page - ams AG AS1320 Datasheet HTML 5Page - ams AG AS1320 Datasheet HTML 6Page - ams AG AS1320 Datasheet HTML 7Page - ams AG AS1320 Datasheet HTML 8Page - ams AG AS1320 Datasheet HTML 9Page - ams AG AS1320 Datasheet HTML 10Page - ams AG AS1320 Datasheet HTML 11Page - ams AG AS1320 Datasheet HTML 12Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
www.austriamicrosystems.com
Revision 1.03
9 - 12
AS1320
Data Sheet - A p p l i c a t i o n I n f o r m a t i o n
9 Application Information
Inductor Selection
The control circuitry of the AS1320 permits a wide range of inductor values to be selected – from 4.7 to 47µH; 10µH is
ideal for most applications.
The intended application should dictate the value of L. The trade-off between required PCB surface area and desired
output ripple are the determining factors: smaller values for L require less PCB space, larger values of L reduce output
ripple. If the value of L is large enough to prevent IMAX from being reached before tON expires, the AS1320 output
power will be reduced.
For maximum output current calculate the value for L as:
(VBATT(MAX) (1µs))/0.7A < L < (VBATT(MIN)(7µs))/0.7A
(EQ 2)
IOUT(MAX) = [(0.7A/2)(VBATT(MIN) - (0.7A/2)(RNCH + RIND))]/VOUT
(EQ 3)
Where:
RIND is the inductor series resistance.
RNCH is the RDS(ON) of the N-channel MOSFET (0.3
Ω typ).
Note: Coils should be able to handle 500mARMS and have a ISAT
≥ 1A and should have a RIND ≤ 100mΩ.
Capacitor Selection
COUT Selection
Choose a COUT value to achieve the desired output ripple percentage. A 22µF ceramic capacitor is a good initial value.
The value for COUT can be determined by:
COUT > (L + 2.5µH) x VBATT(MAX)
2
/ r%
(EQ 4)
Where:
r is the desired output ripple in %.
CIN Selection
CIN reduces the peak current drawn from the battery and can be the same value as COUT. A larger value for CIN can be
used to further reduce ripple and improve AS1320 efficiency.
PC Board Layout and Grounding
Well-designed printed circuit-board layout is important for minimizing ground bounce and noise.
!
Place pin GND lead and the ground leads of CIN and COUT as close to the device as possible.
!
Keep the lead to pin LX as short as possible.
!
To maximize output power and efficiency and minimize output ripple voltage, use a ground plane and solder the
GND pin directly to the ground plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com