Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1320 Datasheet(PDF) 1 Page - ams AG

Part # AS1320
Description  200mA Step-Up DC-DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1320 Datasheet(HTML) 1 Page - ams AG

  AS1320 Datasheet HTML 1Page - ams AG AS1320 Datasheet HTML 2Page - ams AG AS1320 Datasheet HTML 3Page - ams AG AS1320 Datasheet HTML 4Page - ams AG AS1320 Datasheet HTML 5Page - ams AG AS1320 Datasheet HTML 6Page - ams AG AS1320 Datasheet HTML 7Page - ams AG AS1320 Datasheet HTML 8Page - ams AG AS1320 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
AS1320
200mA Step-Up DC-DC Converter
www.austriamicrosystems.com
Revision 1.03
1 - 12
Dat a Sh eet
1 General Description
The AS1320 is a high-efficiency step-up DC-DC con-
verter designed to generate a fixed voltage of +3.3V.
The AS1320 achieves an efficiency of up to 90%. The
minimum input voltage is 1.5V, the output voltage is
fixed at 3.3V, and output current is up to 200mA (@ 2V).
In order to save power the AS1320 features a shutdown
mode, where it draws less than 1µA. In shutdown mode
the battery is connected directly to the output enabling
the supply of real-time-clocks.
The AS1320 provides a power-on reset output that goes
high-impedance when the output reaches 90% of its reg-
ulation point.
The SHDNN trip threshold of the AS1320 can be used
as an input voltage detector that disables the device
when the battery voltage falls to a predetermined level.
An internal synchronous rectifier is included, thus an
external transistor or Schottky diode is not required.
The AS1320 is available in a 6-pin SOT23 package.
Figure 1. Application Diagram
2 Key Features
!
Fixed Output Voltage: 3.3V
!
Output Current: Up to 200mA (@ 2V)
!
Internal Synchronous Rectifier
!
Requires No External Schottky Diode or FETs
!
Shutdown Mode Supply Current: Less Than 1µA
!
Efficiency: Up to 90%
!
Minimum Input Voltage: +1.5V
!
Accurate Shutdown Low-Battery Cutoff Threshold
!
Battery Input Connected to Pin OUT in Shutdown
Mode for Backup Power
!
6-pin SOT23 Package
3 Applications
The AS1320 is ideal for low-power applications where
ultra-small size is critical as in medical diagnostic equip-
ment, hand-held instruments, pagers, digital cameras,
remote wireless transmitters, cordless phones, and PC
cards.
The device is also perfect as a local 3.3V supply or as a
battery backup.
AS1320
+1.5 to +3.5V
Battery
+3.3V
Output
COUT
22µF
CIN
22µF
L1
10µH
RESETN
Output
R1
100k
Ω
On
Off
4
LX
3
GND
2
BATT
6
RESETN
1
SHDNN
5
OUT


Similar Part No. - AS1320

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1320 AMSCO-AS1320 Datasheet
328Kb / 2P
200mA Step-Up DC-DC Converter
More results

Similar Description - AS1320

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1633 AIC-AIC1633 Datasheet
281Kb / 10P
2-Cell, 200mA, Step-Up DC/DC Converter
logo
ams AG
AS1320 AMSCO-AS1320 Datasheet
328Kb / 2P
200mA Step-Up DC-DC Converter
logo
Diodes Incorporated
AP1603 DIODES-AP1603 Datasheet
159Kb / 8P
STEP-UP DC/DC CONVERTER
AP1603 Rev. 1
logo
Micon Design Technology...
MDT7727 MDTIC-MDT7727 Datasheet
107Kb / 4P
Step-up DC/DC Converter
logo
ams AG
AS1337 AMSCO-AS1337 Datasheet
912Kb / 14P
200mA, DC-DC Step-Up Converter with Buck Mode
logo
Silicon Standard Corp.
SS6633 SSC-SS6633 Datasheet
584Kb / 10P
200mA Step-Up DC/DC Converter
logo
ams AG
AS1337 AMSCO-AS1337_1 Datasheet
923Kb / 14P
200mA, DC-DC Step-Up Converter with Buck Mode
AS1337 AMSCO-AS1337_09 Datasheet
811Kb / 16P
200mA, DC-DC Step-Up Converter with Buck Mode
AS1383 AMSCO-AS1383 Datasheet
1Mb / 22P
200mA, 3.5MHz DC-DC Step-Up Converter
logo
Holtek Semiconductor In...
HT7727SA HOLTEK-HT7727SA Datasheet
3Mb / 17P
200mA PFM Synchronous Step-up DC/DC Converter
June 25, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com