Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1320 Datasheet(PDF) 6 Page - ams AG

Part # AS1320
Description  200mA Step-Up DC-DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1320 Datasheet(HTML) 6 Page - ams AG

Back Button AS1320 Datasheet HTML 2Page - ams AG AS1320 Datasheet HTML 3Page - ams AG AS1320 Datasheet HTML 4Page - ams AG AS1320 Datasheet HTML 5Page - ams AG AS1320 Datasheet HTML 6Page - ams AG AS1320 Datasheet HTML 7Page - ams AG AS1320 Datasheet HTML 8Page - ams AG AS1320 Datasheet HTML 9Page - ams AG AS1320 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
www.austriamicrosystems.com
Revision 1.03
6 - 12
AS1320
Data Sheet - Ty p i c a l O p e r a t i n g C h a r a c t e r i s t i c s
Figure 9. Line Transient
Figure 10. Load Transient
Figure 11. On/Off Response; RLOAD = 33
Ω
Figure 12. Shutdown Response; RLOAD = 33
Ω
Figure 13. Switching Waveforms; RLOAD = 33
Ω
Figure 14. Efficiency vs. Load Current
200mA
2mA
100µs/Div
100µs/Div
200µs/Div
100µs/Div
65
70
75
80
85
90
95
1
10
100
1000
Load Current (mA)
10µs/Div
VBATT = 3V
VBATT = 2.5V
VBATT = 2V
VBATT = 1.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com