Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CF5016AL4 Datasheet(PDF) 1 Page - Nippon Precision Circuits Inc

Part # CF5016AL4
Description  1.8V Operation Fundamental Frequency Crystal Oscillator Module ICs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF5016AL4 Datasheet(HTML) 1 Page - Nippon Precision Circuits Inc

  CF5016AL4 Datasheet HTML 1Page - Nippon Precision Circuits Inc CF5016AL4 Datasheet HTML 2Page - Nippon Precision Circuits Inc CF5016AL4 Datasheet HTML 3Page - Nippon Precision Circuits Inc CF5016AL4 Datasheet HTML 4Page - Nippon Precision Circuits Inc CF5016AL4 Datasheet HTML 5Page - Nippon Precision Circuits Inc CF5016AL4 Datasheet HTML 6Page - Nippon Precision Circuits Inc CF5016AL4 Datasheet HTML 7Page - Nippon Precision Circuits Inc CF5016AL4 Datasheet HTML 8Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
CF5016 series
SEIKO NPC CORPORATION —1
1.8V Operation Fundamental Frequency
Crystal Oscillator Module ICs
OVERVIEW
The CF5016 series are 1.8V operation crystal oscillator ICs. They are available for frequencies up to 50MHz.
They employ a recently developed low-voltage process optimized for operation at 1.8V, resulting in stable
operation at low voltages while maintaining the same output duty stability of existing devices. They are ideally
suited for battery-operated electronic equipment applications where small size, low-voltage operation, and low
power dissipation are essential.
FEATURES
I
1.6 to 2.0V operating supply voltage range
I
Up to 50MHz oscillation frequency range
I
– 40 to 85
°C operating temperature range
I
Oscillation capacitors built-in
•CG = 18pF, CD = 18pF
I
Inverter amplifier feedback resistor built-in
I
Standby function
• High impedance in standby mode, oscillator stops
I
Low standby current
• Power-saving pull-up resistor built-in
I
fO, fO/2, fO/4, fO/8, or fO/16 output frequency,
determined by internal connection
I
CMOS output duty level (1/2VDD)
I
Molybdenum-gate CMOS process
I
Chip form (CF5016AL
×)
SERIES CONFIGURATION
ORDERING INFORMATION
Version
Recommended operating
frequency range1 [MHz]
1. The recommended operating frequency is a yardstick value derived from the crystal used for NPC characteristics authentication. How-
ever, the oscillator frequency band is not guaranteed. Specifically, the characteristics can vary greatly due to crystal characteristics
and mounting conditions, so the oscillation characteristics of components must be carefully evaluated.
Built-in capacitance [pF]
Output
frequency
Standby
function
CL = 15pF
CL = 30pF
CG
CD
CF5016AL1
4 to 50
4 to 30
18
18
fO
Yes
CF5016AL2
fO/2
Yes
CF5016AL3
fO/4
Yes
CF5016AL4
fO/8
Yes
CF5016AL5
fO/16
Yes
Device
Package
CF5016AL
×–2
Chip form


Similar Part No. - CF5016AL4

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
CF50103GTR MERITEK-CF50103GTR Datasheet
86Kb / 1P
Carbon Film Resistors
CF50103JTR MERITEK-CF50103JTR Datasheet
86Kb / 1P
Carbon Film Resistors
CF50103KTR MERITEK-CF50103KTR Datasheet
86Kb / 1P
Carbon Film Resistors
logo
Nippon Precision Circui...
CF5010AH1 NPC-CF5010AH1 Datasheet
167Kb / 25P
Crystal Oscillator Module ICs
CF5010AH1-1 NPC-CF5010AH1-1 Datasheet
167Kb / 25P
Crystal Oscillator Module ICs
More results

Similar Description - CF5016AL4

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5006 NPC-SM5006 Datasheet
185Kb / 18P
Crystal Oscillator Module ICs
SM5007 NPC-SM5007 Datasheet
111Kb / 11P
Crystal Oscillator Module ICs
SM5009AH1S NPC-SM5009AH1S Datasheet
163Kb / 18P
Crystal Oscillator Module ICs
CF5011 NPC-CF5011 Datasheet
90Kb / 7P
1.8V Crystal Oscillator Module ICs
logo
New Japan Radio
NJU6369 NJRC-NJU6369 Datasheet
55Kb / 6P
1.5V Operation Fundamental Quartz Crystal Oscillator
logo
Nippon Precision Circui...
CF5005B NPC-CF5005B Datasheet
78Kb / 7P
High-frequency Crystal Oscillator Module ICs
CF5015 NPC-CF5015 Datasheet
123Kb / 10P
2.5V Operation Fundamental Frequency Crystal Oscillator Module ICs
CF5035 NPC-CF5035 Datasheet
81Kb / 8P
1.8V, High-frequency Crystal Oscillator Module ICs
logo
New Japan Radio
NJU6315 NJRC-NJU6315 Datasheet
103Kb / 4P
0.9V Operation Fundamental Quartz Crystal Oscillator IC
logo
Nippon Precision Circui...
WF5028 NPC-WF5028 Datasheet
247Kb / 13P
0.8V operation Crystal Oscillator Module ICs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com