Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CF5015AL2 Datasheet(PDF) 5 Page - Nippon Precision Circuits Inc

Part # CF5015AL2
Description  2.5V Operation Fundamental Frequency Crystal Oscillator Module ICs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF5015AL2 Datasheet(HTML) 5 Page - Nippon Precision Circuits Inc

  CF5015AL2 Datasheet HTML 1Page - Nippon Precision Circuits Inc CF5015AL2 Datasheet HTML 2Page - Nippon Precision Circuits Inc CF5015AL2 Datasheet HTML 3Page - Nippon Precision Circuits Inc CF5015AL2 Datasheet HTML 4Page - Nippon Precision Circuits Inc CF5015AL2 Datasheet HTML 5Page - Nippon Precision Circuits Inc CF5015AL2 Datasheet HTML 6Page - Nippon Precision Circuits Inc CF5015AL2 Datasheet HTML 7Page - Nippon Precision Circuits Inc CF5015AL2 Datasheet HTML 8Page - Nippon Precision Circuits Inc CF5015AL2 Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
CF5015 series
SEIKO NPC CORPORATION —5
3V operation (CF5015BL
×)
VDD = 2.7 to 3.6V, VSS = 0V, Ta = −40 to +85°C unless otherwise noted.
5V operation (CF5015BL
×)
VDD = 4.5 to 5.5V, VSS = 0V, Ta = −40 to +85°C unless otherwise noted.
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
HIGH-level output voltage
VOH
Q: Measurement cct 1, VDD = 2.7V, IOH = 4mA
2.1
2.4
–
V
LOW-level output voltage
VOL
Q: Measurement cct 1, VDD = 2.7V, IOL = 4mA
–
0.3
0.4
V
HIGH-level input voltage
VIH
INHN
0.7VDD
––
V
LOW-level input voltage
VIL
INHN
–
–
0.3VDD
V
Output leakage current
IZ
Q: Measurement cct 2, INHN = LOW
VOH = VDD
–
–
10
µA
VOL = VSS
–
–
10
µA
Current consumption
IDD
Measurement cct 3, load cct 1,
INHN = open, CL = 15pF, f = 60MHz
CF5015BL1
–
5.5
11
mA
CF5015BL2
–
3
6
mA
CF5015BL3
–
2
4
mA
CF5015BL4
–
1.5
3
mA
CF5015BL5
–
1
2
mA
Standby current
IST
Measurement cct 3, INHN = LOW
–
–
5
µA
INHN pull-up resistance
RUP1
Measurement cct 4
1
4
10
M
Ω
RUP2
20
100
200
k
Ω
Feedback resistance
Rf
Measurement cct 5
100
300
600
k
Ω
Built-in capacitance
CG
Design value. A monitor pattern on a wafer is tested.
3.4
4
4.6
pF
CD
6.8
8
9.2
pF
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
HIGH-level output voltage
VOH
Q: Measurement cct 1, VDD = 4.5V, IOH = 8mA
3.9
4.2
–
V
LOW-level output voltage
VOL
Q: Measurement cct 1, VDD = 4.5V, IOL = 8mA
–
0.3
0.4
V
HIGH-level input voltage
VIH
INHN
0.7VDD
––
V
LOW-level input voltage
VIL
INHN
–
–
0.3VDD
V
Output leakage current
IZ
Q: Measurement cct 2, INHN = LOW
VOH = VDD
–
–
10
µA
VOL = VSS
–
–
10
µA
Current consumption
IDD
Measurement cct 3, load cct 1,
INHN = open, CL = 30pF, f = 60MHz
CF5015BL1
–
15
30
mA
CF5015BL2
–
9.5
19
mA
CF5015BL3
–
6.5
13
mA
CF5015BL4
–
5
10
mA
CF5015BL5
–
4
8
mA
Standby current
IST
Measurement cct 3, INHN = LOW
–
–
10
µA
INHN pull-up resistance
RUP1
Measurement cct 4
0.5
2
8
M
Ω
RUP2
10
50
150
k
Ω
Feedback resistance
Rf
Measurement cct 5
100
300
600
k
Ω
Built-in capacitance
CG
Design value. A monitor pattern on a wafer is tested.
3.4
4
4.6
pF
CD
6.8
8
9.2
pF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com