Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CF5015AL2 Datasheet(PDF) 1 Page - Nippon Precision Circuits Inc

Part # CF5015AL2
Description  2.5V Operation Fundamental Frequency Crystal Oscillator Module ICs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF5015AL2 Datasheet(HTML) 1 Page - Nippon Precision Circuits Inc

  CF5015AL2 Datasheet HTML 1Page - Nippon Precision Circuits Inc CF5015AL2 Datasheet HTML 2Page - Nippon Precision Circuits Inc CF5015AL2 Datasheet HTML 3Page - Nippon Precision Circuits Inc CF5015AL2 Datasheet HTML 4Page - Nippon Precision Circuits Inc CF5015AL2 Datasheet HTML 5Page - Nippon Precision Circuits Inc CF5015AL2 Datasheet HTML 6Page - Nippon Precision Circuits Inc CF5015AL2 Datasheet HTML 7Page - Nippon Precision Circuits Inc CF5015AL2 Datasheet HTML 8Page - Nippon Precision Circuits Inc CF5015AL2 Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
CF5015 series
SEIKO NPC CORPORATION —1
2.5V Operation Fundamental Frequency
Crystal Oscillator Module ICs
OVERVIEW
The CF5015 series are 2.5V operation crystal oscillator ICs. They are available for frequencies up to 60MHz.
The product lineup consists of AL
× series for 2.5V exclusive use and BL× series compliant with 2.5V to 5V.
The built-in oscillator capacitor of AL
× series is large, so that AL× series contribute to improve the frequency
stability. For the BL
× series, the current consumption and drive level reduced so that they can realize the char-
acteristics easier to design small-sized crystal oscillators. The oscillator circuit of each version is simply con-
structed, so that it can realize the crystal oscillator with excellent phase noise characteristics. Even if the valued
characteristics differ due to the application or the purpose, the selecting from these series for different purposes
allows the optimization.
FEATURES
I
Operating supply voltage range
• CF5015AL
×: 2.25 to 2.75V
• CF5015BL
×: 2.25 to 5.5V
I
Up to 60MHz oscillation frequency range
I
– 40 to 85
°C operating temperature range
I
Oscillation capacitors built-in
• CF5015AL
×: CG = 18pF, CD = 18pF
• CF5015BL
×: CG = 4pF, CD = 8pF
I
Inverter amplifier feedback resistor built-in
I
Standby function
• High impedance in standby mode, oscillator stops
I
Low standby current
• Power-saving pull-up resistor built-in
I
fO, fO/2, fO/4, fO/8, or fO/16 output frequency,
determined by internal connection
I
CMOS output duty level (1/2VDD)
I
Molybdenum-gate CMOS process
I
Chip form (CF5015
×L×)
SERIES CONFIGURATION
ORDERING INFORMATION
Version
Operating
supply
voltage
range [V]
Recommended oscillation frequency range*1 [MHz]
*1. The recommended oscillation frequency is a yardstick value derived from the crystal used for NPC characteristics authentication. However, the oscil-
lator frequency band is not guaranteed. Specifically, the characteristics can vary greatly due to crystal characteristics and mounting conditions, so the
oscillation characteristics of components must be carefully evaluated.
Built-in
capacitance [pF]
Output
frequency
Standby mode
2.5V operation
3V operation
5V
operation
Oscillator
stop
function
Output
state
CL = 15pF CL = 30pF CL = 15pF CL = 30pF CL = 30pF
CG
CD
CF5015AL1
2.25 to 2.75
4 to 60
4 to 50
–
–
–
18
18
fO
*2
*2. Oscillation frequency
Yes
Hi-Z
CF5015AL2
fO/2
CF5015AL3
fO/4
CF5015AL4
fO/8
CF5015AL5
fO/16
CF5015BL1
2.25 to 3.6
4.5 to 5.5
12 to 60
12 to 50
12 to 60
12 to 50
12 to 60
4
8
fO
*2
Yes
Hi-Z
CF5015BL2
fO/2
CF5015BL3
fO/4
CF5015BL4
fO/8
CF5015BL5
fO/16
Device
Package
CF5015
×L×–2
Chip form


Similar Part No. - CF5015AL2

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
CF50103GTR MERITEK-CF50103GTR Datasheet
86Kb / 1P
Carbon Film Resistors
CF50103JTR MERITEK-CF50103JTR Datasheet
86Kb / 1P
Carbon Film Resistors
CF50103KTR MERITEK-CF50103KTR Datasheet
86Kb / 1P
Carbon Film Resistors
logo
Nippon Precision Circui...
CF5010AH1 NPC-CF5010AH1 Datasheet
167Kb / 25P
Crystal Oscillator Module ICs
CF5010AH1-1 NPC-CF5010AH1-1 Datasheet
167Kb / 25P
Crystal Oscillator Module ICs
More results

Similar Description - CF5015AL2

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5006 NPC-SM5006 Datasheet
185Kb / 18P
Crystal Oscillator Module ICs
SM5007 NPC-SM5007 Datasheet
111Kb / 11P
Crystal Oscillator Module ICs
SM5009AH1S NPC-SM5009AH1S Datasheet
163Kb / 18P
Crystal Oscillator Module ICs
logo
New Japan Radio
NJU6369 NJRC-NJU6369 Datasheet
55Kb / 6P
1.5V Operation Fundamental Quartz Crystal Oscillator
logo
Nippon Precision Circui...
CF5016 NPC-CF5016 Datasheet
87Kb / 8P
1.8V Operation Fundamental Frequency Crystal Oscillator Module ICs
CF5005B NPC-CF5005B Datasheet
78Kb / 7P
High-frequency Crystal Oscillator Module ICs
CF5018 NPC-CF5018 Datasheet
85Kb / 8P
2.5V 3rd Overtone Crystal Oscillator Module ICs
CF5035 NPC-CF5035 Datasheet
81Kb / 8P
1.8V, High-frequency Crystal Oscillator Module ICs
logo
New Japan Radio
NJU6315 NJRC-NJU6315 Datasheet
103Kb / 4P
0.9V Operation Fundamental Quartz Crystal Oscillator IC
logo
Nippon Precision Circui...
WF5028 NPC-WF5028 Datasheet
247Kb / 13P
0.8V operation Crystal Oscillator Module ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com