Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CF5015AL2 Datasheet(PDF) 10 Page - Nippon Precision Circuits Inc

Part # CF5015AL2
Description  2.5V Operation Fundamental Frequency Crystal Oscillator Module ICs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF5015AL2 Datasheet(HTML) 10 Page - Nippon Precision Circuits Inc

Back Button CF5015AL2 Datasheet HTML 2Page - Nippon Precision Circuits Inc CF5015AL2 Datasheet HTML 3Page - Nippon Precision Circuits Inc CF5015AL2 Datasheet HTML 4Page - Nippon Precision Circuits Inc CF5015AL2 Datasheet HTML 5Page - Nippon Precision Circuits Inc CF5015AL2 Datasheet HTML 6Page - Nippon Precision Circuits Inc CF5015AL2 Datasheet HTML 7Page - Nippon Precision Circuits Inc CF5015AL2 Datasheet HTML 8Page - Nippon Precision Circuits Inc CF5015AL2 Datasheet HTML 9Page - Nippon Precision Circuits Inc CF5015AL2 Datasheet HTML 10Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
CF5015 series
SEIKO NPC CORPORATION —10
NC0206CE
2007.02
Please pay your attention to the following points at time of using the products shown in this document.
The products shown in this document (hereinafter “Products”) are not intended to be used for the apparatus that exerts harmful influence on
human lives due to the defects, failure or malfunction of the Products. Customers are requested to obtain prior written agreement for such
use from SEIKO NPC CORPORATION (hereinafter “NPC”). Customers shall be solely responsible for, and indemnify and hold NPC free and
harmless from, any and all claims, damages, losses, expenses or lawsuits, due to such use without such agreement. NPC reserves the right
to change the specifications of the Products in order to improve the characteristic or reliability thereof. NPC makes no claim or warranty that
the contents described in this document dose not infringe any intellectual property right or other similar right owned by third parties.
Therefore, NPC shall not be responsible for such problems, even if the use is in accordance with the descriptions provided in this document.
Any descriptions including applications, circuits, and the parameters of the Products in this document are for reference to use the Products,
and shall not be guaranteed free from defect, inapplicability to the design for the mass-production products without further testing or
modification. Customers are requested not to export or re-export, directly or indirectly, the Products to any country or any entity not in
compliance with or in violation of the national export administration laws, treaties, orders and regulations. Customers are requested
appropriately take steps to obtain required permissions or approvals from appropriate government agencies.
SEIKO NPC CORPORATION
15-6, Nihombashi-kabutocho, Chuo-ku,
Tokyo 103-0026, Japan
Telephone: +81-3-6667-6601
Facsimile: +81-3-6667-6611
http://www.npc.co.jp/
Email: sales@npc.co.jp



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com