Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8564IAPW Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8564IAPW
Description  16-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8564IAPW Datasheet(HTML) 31 Page - Texas Instruments

Back Button DAC8564IAPW Datasheet HTML 27Page - Texas Instruments DAC8564IAPW Datasheet HTML 28Page - Texas Instruments DAC8564IAPW Datasheet HTML 29Page - Texas Instruments DAC8564IAPW Datasheet HTML 30Page - Texas Instruments DAC8564IAPW Datasheet HTML 31Page - Texas Instruments DAC8564IAPW Datasheet HTML 32Page - Texas Instruments DAC8564IAPW Datasheet HTML 33Page - Texas Instruments DAC8564IAPW Datasheet HTML 34Page - Texas Instruments DAC8564IAPW Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 46 page
background image
www.ti.com
OPERATION EXAMPLES: DAC8564
DAC8564
SBAS403A – JUNE 2007 – REVISED NOVEMBER 2007
For the following examples, ensure that DAC pins A0 and A1 are both connected to ground. Pins A0 and A1
must always match data bits DB22 and DB23 within the SPI write sequence/protocol. X = Don't care. Value can
be either '0' or '1'.
Example 1: Write to Data Buffer A Through Buffer D; Load DAC A Through DAC D Simultaneously
• 1st: Write to data buffer A:
A1
A0
DB21
DB20
DB19
DB18
DB17
DB16
DB15
DB14
DB13
DB12
DB11–DB0
(LD1)
(LD0)
(DAC Sel 1) (DAC Sel 0)
(PD0)
0
0
0
0
0
0
0
0
DB15
DB14
DB13
DB12
DB11–DB0
• 2nd: Write to data buffer B:
A1
A0
DB21
DB20
DB19
DB18
DB17
DB16
DB15
DB14
DB13
DB12
DB11–DB0
(LD1)
(LD0)
(DAC Sel 1) (DAC Sel 0)
(PD0)
0
0
0
0
0
0
1
0
DB15
DB14
DB13
DB12
DB11–DB0
• 3rd: Write to data buffer C:
A1
A0
DB21
DB20
DB19
DB18
DB17
DB16
DB15
DB14
DB13
DB12
DB11–DB0
(LD1)
(LD0)
(DAC Sel 1) (DAC Sel 0)
(PD0)
0
0
0
0
0
1
0
0
DB15
DB14
DB13
DB12
DB11–DB0
• 4th: Write to data buffer D and simultaneously update all DACs:
A1
A0
DB21
DB20
DB19
DB18
DB17
DB16
DB15
DB14
DB13
DB12
DB11–DB0
(LD1)
(LD0)
(DAC Sel 1) (DAC Sel 0)
(PD0)
0
0
1
0
0
1
1
0
DB15
DB14
DB13
DB12
DB11–DB0
The DAC A, DAC B, DAC C, and DAC D analog outputs simultaneously settle to the specified values upon
completion of the 4th write sequence. (The DAC voltages update simultaneously after the 24th SCLK falling edge
of the fourth write cycle).
Example 2: Load New Data to DAC A Through DAC D Sequentially
• 1st: Write to data buffer A and load DAC A: DAC A output settles to specified value upon completion:
A1
A0
DB21
DB20
DB19
DB18
DB17
DB16
DB15
DB14
DB13
DB12
DB11–DB0
(LD1)
(LD0)
(DAC Sel 1) (DAC Sel 0)
(PD0)
0
0
0
1
0
0
0
0
DB15
DB14
DB13
DB12
D11–DB0
• 2nd: Write to data buffer B and load DAC B: DAC B output settles to specified value upon completion:
A1
A0
DB21
DB20
DB19
DB18
DB17
DB16
DB15
DB14
DB13
DB12
DB11–DB0
(LD1)
(LD0)
(DAC Sel 1) (DAC Sel 0)
(PD0)
0
0
0
1
0
0
1
0
DB15
DB14
DB13
DB12
D11–DB0
• 3rd: Write to data buffer C and load DAC C: DAC C output settles to specified value upon completion:
A1
A0
DB21
DB20
DB19
DB18
DB17
DB16
DB15
DB14
DB13
DB12
DB11–DB0
(LD1)
(LD0)
(DAC Sel 1) (DAC Sel 0)
(PD0)
0
0
0
1
0
1
0
0
DB15
DB14
DB13
DB12
D11–DB0
• 4th: Write to data buffer D and load DAC D: DAC D output settles to specified value upon completion:
A1
A0
DB21
DB20
DB19
DB18
DB17
DB16
DB15
DB14
DB13
DB12
DB11–DB0
(LD1)
(LD0)
(DAC Sel 1) (DAC Sel 0)
(PD0)
0
0
0
1
0
1
1
0
DB15
DB14
DB13
DB12
D11–DB0
After completion of each write cycle, DAC analog output settles to the voltage specified.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
31
Product Folder Link(s): DAC8564



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com