Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8564IAPW Datasheet(PDF) 41 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8564IAPW
Description  16-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8564IAPW Datasheet(HTML) 41 Page - Texas Instruments

Back Button DAC8564IAPW Datasheet HTML 37Page - Texas Instruments DAC8564IAPW Datasheet HTML 38Page - Texas Instruments DAC8564IAPW Datasheet HTML 39Page - Texas Instruments DAC8564IAPW Datasheet HTML 40Page - Texas Instruments DAC8564IAPW Datasheet HTML 41Page - Texas Instruments DAC8564IAPW Datasheet HTML 42Page - Texas Instruments DAC8564IAPW Datasheet HTML 43Page - Texas Instruments DAC8564IAPW Datasheet HTML 44Page - Texas Instruments DAC8564IAPW Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 46 page
background image
www.ti.com
Spurious-Free Dynamic Range (SFDR)
DAC Output Noise Density
DAC Output Noise
Signal-to-Noise plus Distortion (SINAD)
Full-Scale Range (FSR)
DAC8564
SBAS403A – JUNE 2007 – REVISED NOVEMBER 2007
Spurious-free dynamic range (SFDR) is the usable
Output
noise
density
is
defined
as
dynamic range of a DAC before spurious noise
internally-generated random noise. Random noise is
interferes or distorts the fundamental signal. SFDR is
characterized as a spectral density (nV/
√Hz). It is
the measure of the difference in amplitude between
measured by loading the DAC to mid-scale and
the fundamental and the largest harmonically or
measuring noise at the output.
non-harmonically related spur from dc to the full
Nyquist bandwidth (half the DAC sampling rate, or
fS/2). A spur is any frequency bin on a spectrum
DAC output noise is defined as any voltage deviation
analyzer, or from a Fourier transform, of the analog
of DAC output from the desired value (within a
output of the DAC. SFDR is specified in decibels
particular frequency band). It is measured with a DAC
relative to the carrier (dBc).
channel kept at mid-scale while filtering the output
voltage within a band of 0.1Hz to 10Hz and
measuring its amplitude peaks. It is expressed in
SINAD includes all the harmonic and outstanding
terms of peak-to-peak voltage (Vpp).
spurious components in the definition of output noise
power in addition to quantizing any internal random
noise power. SINAD is expressed in dB at a specified
Full-scale range (FSR) is the difference between the
input frequency and sampling rate, fS.
maximum and minimum analog output values that the
DAC is specified to provide; typically, the maximum
and minimum values are also specified. For an n-bit
DAC, these values are usually given as the values
matching with code 0 and 2n.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
41
Product Folder Link(s): DAC8564



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com