Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8564IAPW Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8564IAPW
Description  16-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8564IAPW Datasheet(HTML) 23 Page - Texas Instruments

Back Button DAC8564IAPW Datasheet HTML 19Page - Texas Instruments DAC8564IAPW Datasheet HTML 20Page - Texas Instruments DAC8564IAPW Datasheet HTML 21Page - Texas Instruments DAC8564IAPW Datasheet HTML 22Page - Texas Instruments DAC8564IAPW Datasheet HTML 23Page - Texas Instruments DAC8564IAPW Datasheet HTML 24Page - Texas Instruments DAC8564IAPW Datasheet HTML 25Page - Texas Instruments DAC8564IAPW Datasheet HTML 26Page - Texas Instruments DAC8564IAPW Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 46 page
background image
www.ti.com
Time(400ns/div)
V
=2.7V
IntV
=2.5V
FromCode:7FFFh
ToCode:8000h
Glitch:0.08nV-s
DD
REF
Time(400ns/div)
V
=2.7V
IntV
=2.5V
FromCode:8000h
ToCode:7FFFh
Glitch:0.16nV-s
MeasuredWorstCase
DD
REF
Time(400ns/div)
V
=2.7V
IntV
=2.5V
FromCode:8000h
ToCode:8010h
Glitch:0.04nV-s
DD
REF
Time(400ns/div)
V
=2.7V
IntV
=2.5V
FromCode:8010h
ToCode:8000h
Glitch:0.12nV-s
DD
REF
Time(400ns/div)
V
=2.7V
IntV
=2.5V
FromCode:8000h
ToCode:80FFh
Glitch:NotDetected
TheoreticalWorstCase
DD
REF
Time(400ns/div)
V
=2.7V
IntV
=2.5V
FromCode:80FFh
ToCode:8000h
Glitch:NotDetected
TheoreticalWorstCase
DD
REF
DAC8564
SBAS403A – JUNE 2007 – REVISED NOVEMBER 2007
TYPICAL CHARACTERISTICS: DAC at VDD = 2.7V (continued)
At TA = +25°C, internal reference used, and DAC output not loaded, all DAC codes in straight binary data format, unless
otherwise noted
GLITCH ENERGY:
GLITCH ENERGY:
2.7V, 1LSB STEP, RISING EDGE
2.7V, 1LSB STEP, FALLING EDGE
Figure 84.
Figure 85.
GLITCH ENERGY:
GLITCH ENERGY:
2.7V, 16LSB STEP, RISING EDGE
2.7V, 16LSB STEP, FALLING EDGE
Figure 86.
Figure 87.
GLITCH ENERGY:
GLITCH ENERGY:
2.7V, 256LSB STEP, RISING EDGE
2.7V, 256LSB STEP, FALLING EDGE
Figure 88.
Figure 89.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Link(s): DAC8564



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com