Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS3121 Datasheet(PDF) 24 Page - STMicroelectronics

Part # TS3121
Description  Rail-to-rail, open-drain comparator with embedded fail-safe input/output
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS3121 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button TS3121 Datasheet HTML 20Page - STMicroelectronics TS3121 Datasheet HTML 21Page - STMicroelectronics TS3121 Datasheet HTML 22Page - STMicroelectronics TS3121 Datasheet HTML 23Page - STMicroelectronics TS3121 Datasheet HTML 24Page - STMicroelectronics TS3121 Datasheet HTML 25Page - STMicroelectronics TS3121 Datasheet HTML 26Page - STMicroelectronics TS3121 Datasheet HTML 27Page - STMicroelectronics TS3121 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 34 page
background image
6
Typical applications
Low-power signal conditioning
The TS3121 is a key circuit element for signal conditioning with fast response time in a low-power environment. It
was designed for regular turning on and off of the supply line. For this reason the TS3121 comes with fail-safe
input and output pins that allow the presence of voltage when the comparator is not supplied (VCC = 0 V).
Figure 54 shows a typical sensor conditioning application. The sensor signal can come from various sources, for
example: light, position, current, or temperature monitoring. The supply for the reference voltage TS431 and for
the comparator are provided by the GPIO pin of a microcontroller which is activated during 100 µs every 100 ms.
This duty cycle effectively divides the overall power consumption by a factor of thousand from typically 60 µA to
only 60 nA and hence considerably below the consumption of a low-power comparator. The pull-up resistor is
connected to the supply of the microcontroller. In the displayed application the feedback signal is HIGH for VCC =
0 V or for a sensor signal inferior to the reference voltage. The feedback signal is LOW when the sensor signal is
higher than the reference voltage and after a maximum delay of tturn-on = 15 µs from the moment where VCC
passes VCC-min. An embedded hysteresis of 1 mV prevents the comparator from instable toggling during the
transition phase when the sensor voltage and reference voltage are equivalent (Vdiff = Vio).
Figure 54. Typical application schematic
TS431
Vref = 1.24V
STM32
GPIO provides Vcc
Sensor
(light, position,
current, ...)
TS3121
threshold
Rpu
3.3V
feedback
18 kΩ
TS3121, TS3121A
Typical applications
DS14484 - Rev 2
page 24/34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com