Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS3121 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TS3121
Description  Rail-to-rail, open-drain comparator with embedded fail-safe input/output
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS3121 Datasheet(HTML) 4 Page - STMicroelectronics

  TS3121 Datasheet HTML 1Page - STMicroelectronics TS3121 Datasheet HTML 2Page - STMicroelectronics TS3121 Datasheet HTML 3Page - STMicroelectronics TS3121 Datasheet HTML 4Page - STMicroelectronics TS3121 Datasheet HTML 5Page - STMicroelectronics TS3121 Datasheet HTML 6Page - STMicroelectronics TS3121 Datasheet HTML 7Page - STMicroelectronics TS3121 Datasheet HTML 8Page - STMicroelectronics TS3121 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
3
Electrical characteristics
Table 4. Electrical characteristics - VCC = 5 V, Vicm = VCC/2, T = 25 °C (unless otherwise specified).
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
DC performance
VIO
Input offset voltage
TS3121A, T = 25 °C
TS3121A, Tmin < T < Tmax
-2
-4
0.5
+2
+4
mV
TS3121, T = 25 °C
TS3121, Tmin < T < Tmax
-6
-8
0.5
+6
+8
|∆VIO/∆T| Input offset voltage drift
Tmin< T < Tmax
3
20
µV/°C
VHYST
Input hysteresis voltage(1)
1
mV
|IIB|
Input bias current
T = 25 °C
Tmin < T < Tmax
5
50
200
pA
|IIO|
Input offset current
T = 25 °C
Tmin < T < Tmax
1
20
100
CMRR
Common-mode rejection ratio:
20 log (ΔVicm/ΔVio)
0 < Vicm < VCC
Tmin < T < Tmax
55
70
dB
SVR
Supply voltage rejection:
20 log (ΔVcc/ΔVio)
ΔVcc = 1.8 V to 5.0 V, Vicm = 0 V, T = 25 °C
ΔVcc = 1.8 V to 5.0 V, Vicm = 0 V, Tmin < T <
Tmax
58
80
Isink
Output sink current
VOUT = VCC+,VID = - 0.1 V
Tmin < T < Tmax
100
70
140
mA
IOH
High-level output leakage current,
VOUT = VCC (2)
VOUT = VCC, VID = +0.1 V
Tmin < T < Tmax
460
800
pA
250
nA
VOL
Low-level output voltage Isink = 1 mA
T = 25 °C
Tmin< T < Tmax
18
30
45
mV
ICC
Supply current
Output low, VID = - 0.1 V
Tmin < T < Tmax
73
125
155
µA
Output high, VID = +0.1 V
Tmin < T < Tmax
57
125
155
tstart-up
Start-up time
VCC > 1.5 V
10
15
µs
tPLH(3)
Propagation delay (low to high),
CL = 15 pF,
overdrive = 20 mV, VPU = VCC
RPU = 2.5 kΩ, T = 25 °C
Tmin < T < Tmax
170
235
250
ns
CL = 15 pF,
overdrive = 100 mV, VPU = VCC
RPU = 2.5 kΩ, T = 25 °C
Tmin < T < Tmax
130
160
185
tPHL(4)
Propagation delay (high to low),
CL = 15 pF,
overdrive = 20 mV, VPU = VCC
RPU = 2.5 kΩ, T = 25 °C
Tmin < T < Tmax
100
135
185
CL = 15 pF,
overdrive = 100 mV, VPU = VCC
RPU = 2.5 kΩ, T = 25 °C
Tmin < T < Tmax
60
85
125
tF
Fall time (90% to 10%)
CL = 15 pF, RPU = 2.5 kΩ, overdrive = 100 mV
2.5
1. Hysteresis is a built-in feature of the TS3121. It is defined as the voltage difference between the trip points.
TS3121, TS3121A
Electrical characteristics
DS14484 - Rev 2
page 4/34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com