Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS3121 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TS3121
Description  Rail-to-rail, open-drain comparator with embedded fail-safe input/output
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS3121 Datasheet(HTML) 3 Page - STMicroelectronics

  TS3121 Datasheet HTML 1Page - STMicroelectronics TS3121 Datasheet HTML 2Page - STMicroelectronics TS3121 Datasheet HTML 3Page - STMicroelectronics TS3121 Datasheet HTML 4Page - STMicroelectronics TS3121 Datasheet HTML 5Page - STMicroelectronics TS3121 Datasheet HTML 6Page - STMicroelectronics TS3121 Datasheet HTML 7Page - STMicroelectronics TS3121 Datasheet HTML 8Page - STMicroelectronics TS3121 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
2
Maximum ratings
Table 2. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply voltage (1)
6
V
Vin
Input voltage from VCC-
-0.3 to +6
V
Iin
Input current (2)
10
mA
Vout
Output voltage
6
V
Tstg
Storage temperature
-65 to +150
°C
Tj
Junction temperature
150
°C
Rth-ja
Thermal resistance junction to ambient
(3) (4)
SOT23-5
250
°C/W
SC70-5
205
ESD
Human Body Model (HBM) (5)
4000
V
Charged Device Model (CDM) (6)
1500
1. All voltage values, except differential voltage, are with respect to the network ground terminal.
2. Input current must be limited by a resistor in series with the inputs.
3. Rth are typical values.
4. Short circuits can cause excessive heating and destructive dissipation.
5. According to JEDEC standard JESD22-A114F.
6. According to ANSI/ESD STM5.3.1.
Table 3. Operating conditions
Symbol
Parameter
Value
Unit
VCC
Supply voltage
1.7 to 5.5
V
Vin
Common mode input voltage range(1)
-0.2 to VCC+ + 0.2
V
Vout
Output voltage
0 to 5.5
V
T
Operating free-air temperature range
-40 to +125
°C
1. As long as one input is within the common mode input voltage range, the second one can be within -0.2 V to 5.5 V and the
comparator operates properly
TS3121, TS3121A
Maximum ratings
DS14484 - Rev 2
page 3/34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com