Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS3121A Datasheet(PDF) 18 Page - STMicroelectronics

Part # TS3121A
Description  Rail-to-rail, open-drain comparator with embedded fail-safe input/output
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS3121A Datasheet(HTML) 18 Page - STMicroelectronics

Back Button TS3121A Datasheet HTML 14Page - STMicroelectronics TS3121A Datasheet HTML 15Page - STMicroelectronics TS3121A Datasheet HTML 16Page - STMicroelectronics TS3121A Datasheet HTML 17Page - STMicroelectronics TS3121A Datasheet HTML 18Page - STMicroelectronics TS3121A Datasheet HTML 19Page - STMicroelectronics TS3121A Datasheet HTML 20Page - STMicroelectronics TS3121A Datasheet HTML 21Page - STMicroelectronics TS3121A Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
Figure 42. Low-to-high propagation delay vs. supply
voltage at Vicm = VCC/2, CL = 15 pF, RPU = 2.5 kΩ,
VPU = VCC
2
3
4
5
110
120
130
140
150
160
170
Supply Voltage (V)
T = -40°C
T = 25°C
T = 125°C
Vicm = Vcc/2
Overdrive = 100mV
Figure 43. High-to-low propagation delay vs. input
common-mode voltage at VCC = 1.8 V, CL = 15 pF,
RPU = 2.5 kΩ, VPU = VCC
0
1
2
40
50
60
70
80
Input Common mode Voltage (V)
T = -40°C
T = 25°C
T = 125°C
Vcc = 1.8V
Overdrive = 100mV
Figure 44. High-to-low propagation delay vs. input
common-mode voltage at VCC = 3.3 V, CL = 15 pF,
RPU = 2.5 kΩ, VPU = VCC
0
1
2
3
40
50
60
70
80
Input Common mode Voltage (V)
T = -40°C
T = 25°C
T = 125°C
Vcc = 3.3V
Overdrive = 100mV
Figure 45. High-to-low propagation delay vs. input
common-mode voltage at VCC = 5.0 V, CL = 15 pF,
RPU = 2.5 kΩ, VPU = VCC
0
1
2
3
4
5
40
50
60
70
80
Input Common mode Voltage (V)
T = -40°C
T = 25°C
T = 125°C
Vcc = 5V
Overdrive = 100mV
TS3121, TS3121A
Typical performance characteristics
DS14484 - Rev 2
page 18/34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com