Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS3121A Datasheet(PDF) 21 Page - STMicroelectronics

Part # TS3121A
Description  Rail-to-rail, open-drain comparator with embedded fail-safe input/output
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS3121A Datasheet(HTML) 21 Page - STMicroelectronics

Back Button TS3121A Datasheet HTML 17Page - STMicroelectronics TS3121A Datasheet HTML 18Page - STMicroelectronics TS3121A Datasheet HTML 19Page - STMicroelectronics TS3121A Datasheet HTML 20Page - STMicroelectronics TS3121A Datasheet HTML 21Page - STMicroelectronics TS3121A Datasheet HTML 22Page - STMicroelectronics TS3121A Datasheet HTML 23Page - STMicroelectronics TS3121A Datasheet HTML 24Page - STMicroelectronics TS3121A Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
Figure 48. Rise time vs. pull-up resistor
100
10
1
1E+2
1E+3
Rpullup (kΩ)
Vcc = 5V
Vicm = Vcc/2
Overdrive = 100mV
T = 25°C
Vcc = 3.3V
Vcc = 1.8V
Fail-safe characteristic
The TS3121 features a fail-safe characteristic. When the comparator is not powered on (VCC = 0 V), the fail-safe
design allows bias voltages on the input and output pins. The following graph shows the characteristic of bias
current versus voltage for the input pins when VCC = 0 V.
Figure 49. Fail-safe bias current vs. voltage
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0
0
20
40
60
80
100
120
140
160
180
200
0
5
10
15
20
25
30
35
40
45
50
Input Voltage (V)
T = -40°C
T = 25°C
T = 125°C
Input current vs Input voltage
Vcc connected to GND
Negative input
TS3121, TS3121A
Application information
DS14484 - Rev 2
page 21/34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com