Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS3121A Datasheet(PDF) 33 Page - STMicroelectronics

Part # TS3121A
Description  Rail-to-rail, open-drain comparator with embedded fail-safe input/output
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS3121A Datasheet(HTML) 33 Page - STMicroelectronics

Back Button TS3121A Datasheet HTML 26Page - STMicroelectronics TS3121A Datasheet HTML 27Page - STMicroelectronics TS3121A Datasheet HTML 28Page - STMicroelectronics TS3121A Datasheet HTML 29Page - STMicroelectronics TS3121A Datasheet HTML 30Page - STMicroelectronics TS3121A Datasheet HTML 31Page - STMicroelectronics TS3121A Datasheet HTML 32Page - STMicroelectronics TS3121A Datasheet HTML 33Page - STMicroelectronics TS3121A Datasheet HTML 34Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 33 / 34 page
background image
Figure 45.
High-to-low propagation delay vs. input common-mode voltage at VCC = 5.0 V, CL = 15 pF, RPU = 2.5 kΩ, VPU =
VCC........................................................................... 18
Figure 46.
High-to-low propagation delay vs. supply voltage at Vicm = VCC/2, CL = 15 pF, RPU = 2.5 kΩ, VPU = VCC ..... 19
Figure 47.
Functional block diagram ............................................................ 20
Figure 48.
Rise time vs. pull-up resistor.......................................................... 21
Figure 49.
Fail-safe bias current vs. voltage....................................................... 21
Figure 50.
Turn-on timing diagram ............................................................. 22
Figure 51.
Propagation delay ................................................................. 22
Figure 52.
Input stage...................................................................... 23
Figure 53.
Output stage .................................................................... 23
Figure 54.
Typical application schematic ......................................................... 24
Figure 55.
SC70-5 (or SOT323-5) package outline .................................................. 26
Figure 56.
SOT23-5 package outline ........................................................... 27
TS3121, TS3121A
List of figures
DS14484 - Rev 2
page 33/34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com