Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS3121IYCT Datasheet(PDF) 1 Page - STMicroelectronics

Part # TS3121IYCT
Description  Rail-to-rail, open-drain comparator with embedded fail-safe input/output
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS3121IYCT Datasheet(HTML) 1 Page - STMicroelectronics

  TS3121IYCT Datasheet HTML 1Page - STMicroelectronics TS3121IYCT Datasheet HTML 2Page - STMicroelectronics TS3121IYCT Datasheet HTML 3Page - STMicroelectronics TS3121IYCT Datasheet HTML 4Page - STMicroelectronics TS3121IYCT Datasheet HTML 5Page - STMicroelectronics TS3121IYCT Datasheet HTML 6Page - STMicroelectronics TS3121IYCT Datasheet HTML 7Page - STMicroelectronics TS3121IYCT Datasheet HTML 8Page - STMicroelectronics TS3121IYCT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
Features
•
Low offset voltage: 2 mV max @ 25 °C (A-grade version)
•
Low power consumption: 70 μA typ.
•
Wide supply voltage: 1.7 to 5.5 V
•
Propagation delay: 60 ns
•
Rail-to-rail input
•
Open-drain output
•
Fail-safe input/output pins
•
Input/output pins withstand voltages higher than VCC
•
Fail-safe architecture keeps output in high impedance when VCC = 0 V
•
Guaranteed start-up time allows sequential on/off cycles of VCC
•
High ESD tolerance: 4 kV HBM
•
Extended temperature range: -40 to +125 °C
•
AEC-Q100 qualified
•
Safety capable: documentation available to aid functional safety system design
Applications
•
Industrial
•
Automotive
•
Power tools
•
Overcurrent protection
•
Controllers, sensors
Description
The TS3121 and the TS3121A single comparators permit high-speed response time
at low power consumption over a supply voltage specified from 1.7 to 5.5 V. These
devices operate over a wide temperature range from -40 °C to +125 °C making them
ideal for industrial and automotive applications with the associated qualification.
Thanks to an embedded fail-safe circuit, the TS3121 and the TS3121A can operate
with input/output pins biased while the supply pin is shut down to VCC = 0 V for
energy saving applications. A guaranteed start-up time ensures a stable output
condition after activating the supply rail.
Thanks to their small package size, the TS3121 and the TS3121A can be used in
applications where space on the board is limited. It can thus reduce the overall cost
of the PCB.
SC70-5
SOT23-5
Maturity status link
TS3121, TS3121A
Related products
TS880
For lower supply current
TS3011
For higher speed
TS3021
For push-pull output
Rail-to-rail, open-drain comparator with embedded fail-safe input/output
TS3121, TS3121A
Datasheet
DS14484 - Rev 2 - November 2024
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - TS3121IYCT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS3121IYCT STMICROELECTRONICS-TS3121IYCT Datasheet
2Mb / 34P
Rail-to-rail, open-drain comparator with embedded fail-safe input/output
10-Apr-2025
More results

Similar Description - TS3121IYCT

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6772 NSC-LMC6772 Datasheet
288Kb / 11P
Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
LMC7221 NSC-LMC7221 Datasheet
271Kb / 12P
Tiny CMOS Comparator with Rail-To-Rail Input and Open Drain Output
LMC7221 NSC-LMC7221_06 Datasheet
699Kb / 13P
Tiny CMOS Comparator with Rail-To-Rail Input and Open Drain Output
logo
Texas Instruments
LMC6772AIMMX_NOPB TI1-LMC6772AIMMX_NOPB Datasheet
1Mb / 25P
Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
LMC7221BIM TI1-LMC7221BIM Datasheet
1Mb / 20P
LMC7221 Tiny CMOS Comparator with Rail-To-Rail Input and Open Drain Output
LMC6772 TI1-LMC6772 Datasheet
1Mb / 27P
Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
SM72375 TI1-SM72375_14 Datasheet
1Mb / 20P
SM72375 SolarMagic Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
LMC7221 TI1-LMC7221_14 Datasheet
1Mb / 21P
LMC7221 Tiny CMOS Comparator with Rail-To-Rail Input and Open Drain Output
LMC6772 TI-LMC6772_15 Datasheet
1Mb / 25P
Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
logo
Global Mixed-mode Techn...
G1335 GMT-G1335 Datasheet
160Kb / 1P
Rail-to-Rail CMOS Comparator with Open-Drain Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com