Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS3121IYCT Datasheet(PDF) 23 Page - STMicroelectronics

Part # TS3121IYCT
Description  Rail-to-rail, open-drain comparator with embedded fail-safe input/output
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS3121IYCT Datasheet(HTML) 23 Page - STMicroelectronics

Back Button TS3121IYCT Datasheet HTML 19Page - STMicroelectronics TS3121IYCT Datasheet HTML 20Page - STMicroelectronics TS3121IYCT Datasheet HTML 21Page - STMicroelectronics TS3121IYCT Datasheet HTML 22Page - STMicroelectronics TS3121IYCT Datasheet HTML 23Page - STMicroelectronics TS3121IYCT Datasheet HTML 24Page - STMicroelectronics TS3121IYCT Datasheet HTML 25Page - STMicroelectronics TS3121IYCT Datasheet HTML 26Page - STMicroelectronics TS3121IYCT Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
Input stage
The input stage has a fail-safe architecture, effectively allowing bias voltages higher than VCC. This is especially
useful if the comparator is disconnected from the power supply (VCC = 0 V). Care must be taken when VIN
exceeds VCC. Keep slew rates below 0.5 V/µs to prevent false triggering of the ESD clamp.
Figure 52. Input stage
+
–
V+
IN+
IN–
V-
Output stage
With a dedicated ESD clamp in the open-drain output stage, voltage levels higher than VCC can be applied to the
comparator output. The TS3121 can thus be used for level shifter applications where the output voltage is
independent of the comparator supply voltage.
Figure 53. Output stage
+
–
OUT
V-
PCB layout recommendations
Particular attention must be paid to the layout of the PCB tracks connected to the comparator, load, and power
supply. The power and ground traces are critical as they must provide adequate energy and grounding for all
circuits. The best practice is to use short and wide PCB traces to minimize voltage drops and parasitic
inductance. In addition to minimizing parasitic impedance over the entire surface, a multi-via technique that
connects the bottom and top layer ground planes together in many locations is often used. The copper traces that
connect the output pins to the load and supply pins should be as wide as possible to minimize trace impedance.
Decoupling capacitor
To ensure op amp full functionality, it is recommended to place two decoupling capacitors of 100 nF and 10 nF as
close as possible to the comparator supply pins. A good decoupling helps to reduce electromagnetic interference
impact.
TS3121, TS3121A
Application information
DS14484 - Rev 2
page 23/34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com