Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS3121IYCT Datasheet(PDF) 32 Page - STMicroelectronics

Part # TS3121IYCT
Description  Rail-to-rail, open-drain comparator with embedded fail-safe input/output
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS3121IYCT Datasheet(HTML) 32 Page - STMicroelectronics

Back Button TS3121IYCT Datasheet HTML 26Page - STMicroelectronics TS3121IYCT Datasheet HTML 27Page - STMicroelectronics TS3121IYCT Datasheet HTML 28Page - STMicroelectronics TS3121IYCT Datasheet HTML 29Page - STMicroelectronics TS3121IYCT Datasheet HTML 30Page - STMicroelectronics TS3121IYCT Datasheet HTML 31Page - STMicroelectronics TS3121IYCT Datasheet HTML 32Page - STMicroelectronics TS3121IYCT Datasheet HTML 33Page - STMicroelectronics TS3121IYCT Datasheet HTML 34Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 32 / 34 page
background image
List of figures
Figure 1.
Pin connection (top view) ............................................................. 2
Figure 2.
Supply current vs. supply voltage at Vicm = VCC, output high..................................... 8
Figure 3.
Supply current vs. supply voltage at Vicm = VCC/2, output high ................................... 8
Figure 4.
Supply current vs. supply voltage at Vicm = VCC-, output high .................................... 8
Figure 5.
Supply current vs. supply voltage at Vicm = VCC, output high..................................... 8
Figure 6.
Supply current vs. supply voltage at Vicm = VCC/2, output low .................................... 9
Figure 7.
Supply current vs. supply voltage at Vicm = VCC-, output low..................................... 9
Figure 8.
Supply current vs. input common-mode voltage at VCC = 1.8 V, output high .......................... 9
Figure 9.
Supply current vs. input common-mode voltage at VCC = 3.3 V, output high .......................... 9
Figure 10.
Supply current vs. input common-mode voltage at VCC = 5.0 V, output high ......................... 10
Figure 11.
Input bias current vs. input common-mode voltage at VCC = 1.8 V................................ 10
Figure 12.
Input bias current vs. input common-mode voltage at VCC = 3.3 V................................ 10
Figure 13.
Input bias current vs. input common-mode voltage at VCC = 5.0 V................................ 10
Figure 14.
Input bias current vs. supply voltage at Vicm = VCC/2 ......................................... 11
Figure 15.
Input offset voltage vs. input common-mode voltage at VCC = 1.8 V............................... 11
Figure 16.
Input offset voltage vs. input common-mode voltage at VCC = 3.3 V............................... 11
Figure 17.
Input offset voltage vs. input common-mode voltage at VCC = 5.0 V............................... 11
Figure 18.
Input offset voltage vs. supply voltage at Vicm = VCC-......................................... 12
Figure 19.
Input offset voltage vs. supply voltage at Vicm = VCC/2 ........................................ 12
Figure 20.
Input offset voltage vs. supply voltage at Vicm = VCC ......................................... 12
Figure 21.
Input offset voltage drift vs. temperature from -40 °C to +25 °C .................................. 12
Figure 22.
Input offset voltage drift vs. temperature from -25 °C to +125 °C ................................. 13
Figure 23.
Input offset voltage vs. temperature at VCC = 1.8 V .......................................... 13
Figure 24.
Input offset voltage vs. temperature at VCC = 5.0 V .......................................... 13
Figure 25.
Input offset voltage distribution at VCC = 1.8 V ............................................. 13
Figure 26.
Input offset voltage distribution at VCC = 3.3 V ............................................. 14
Figure 27.
Input offset voltage distribution at VCC = 5.0 V ............................................. 14
Figure 28.
Output drop voltage vs. output sink current at VCC = 1.8 V ..................................... 14
Figure 29.
Output drop voltage vs. output sink current at VCC = 3.3 V ..................................... 14
Figure 30.
Output drop voltage vs. output sink current at VCC = 5.0 V ..................................... 15
Figure 31.
High-level output leakage current vs. output voltage at VCC = 1.8 V ............................... 15
Figure 32.
High-level output leakage current vs. output voltage at VCC = 5.0 V ............................... 15
Figure 33.
High-to-low propagation delay vs. overdrive at VCC = 1.8 V, CL = 15 pF, RPU = 2.5 kΩ, VPU = VCC ......... 15
Figure 34.
High-to-low propagation delay vs. overdrive at VCC = 3.3 V, CL = 15 pF, RPU = 2.5 kΩ, VPU = VCC ......... 16
Figure 35.
High-to-low propagation delay vs. overdrive at VCC = 5.0 V, CL = 15 pF, RPU = 2.5 kΩ, VPU = VCC ......... 16
Figure 36.
Low-to-high propagation delay vs. overdrive at VCC = 1.8 V, CL = 15 pF, RPU = 2.5 kΩ, VPU = VCC ......... 16
Figure 37.
Low-to-high propagation delay vs. overdrive at VCC = 3.3 V, CL = 15 pF, RPU = 2.5 kΩ, VPU = VCC ......... 16
Figure 38.
Low-to-high propagation delay vs. overdrive at VCC = 5.0 V, CL = 15 pF, RPU = 2.5 kΩ, VPU = VCC ......... 17
Figure 39.
Low-to-high propagation delay vs. input common-mode voltage at VCC = 1.8 V, CL = 15 pF, RPU = 2.5 kΩ, VPU =
VCC........................................................................... 17
Figure 40.
Low-to-high propagation delay vs. input common-mode voltage at VCC = 3.3 V, CL = 15 pF, RPU = 2.5 kΩ, VPU =
VCC........................................................................... 17
Figure 41.
Low-to-high propagation delay vs. input common-mode voltage at VCC = 5.0 V, CL = 15 pF, RPU = 2.5 kΩ, VPU =
VCC........................................................................... 17
Figure 42.
Low-to-high propagation delay vs. supply voltage at Vicm = VCC/2, CL = 15 pF, RPU = 2.5 kΩ, VPU = VCC ..... 18
Figure 43.
High-to-low propagation delay vs. input common-mode voltage at VCC = 1.8 V, CL = 15 pF, RPU = 2.5 kΩ, VPU =
VCC........................................................................... 18
Figure 44.
High-to-low propagation delay vs. input common-mode voltage at VCC = 3.3 V, CL = 15 pF, RPU = 2.5 kΩ, VPU =
VCC........................................................................... 18
TS3121, TS3121A
List of figures
DS14484 - Rev 2
page 32/34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com