Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDC Datasheet(PDF) 1 Page - Automatic Timing & Controls, Inc.

Part # TDC
Description  On-Delay Relay Output
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATC [Automatic Timing & Controls, Inc.]
Direct Link  https://atcdiversified.com/
Logo ATC - Automatic Timing & Controls, Inc.

TDC Datasheet(HTML) 1 Page - Automatic Timing & Controls, Inc.

  TDC Datasheet HTML 1Page - Automatic Timing & Controls, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
76
MODEL NUMBER
T
C
A
SERIES
Relay Output
D
Relay Output with CSA
U*
SUPPLY VOLTAGE
24 VAC or DC
24
110/120 VAC or DC
120
TYPE OF OPERATION
Knob Adjustable
K
Lock Nut Adjustable
L
Fixed
F
External Resistor Adjustable
R**
ENCLOSURE STYLE
8 or 11-pin Round Plug-in
A
Blade Plug-in
B
Non-UL 12-pin DIP Plug-in
C
DELAY PERIOD
See page 82 for standard ranges available
On-Delay Relay Output
OPERATION
The time delay begins when power is applied to the input. Upon comple-
tion of the delay period, the relay energizes. Reset during or after the
delay period is accomplished by removal of the input voltage. The TDC/
TUC will not false transfer if voltage is removed prior to completion of
the delay period. A fast recycle time permits accurate, high speed,
continuous operation.
*
WIRING
DIMENSIONS (INCHES)
4
8
1
2
3
4
6
7
9
8
5
A
B
9
3
2
1
11
5
7
6
5
4
3
2
1
8
7
6
10
+
–
+
–
+
–
SUPPLY
SUPPLY
External Resistor Adjustable
DPDT 11 Pin Plug-in
DPDT Octal Plug-in
DPDT Blade Plug-in
RB-08/PF083A
RB-11/PF113A
70-463-1
SUPPLY
VOLTAGE
OUTPUT
TIME DELAY
SPECIFICATIONS
TIMING RANGES
Virtually unlimited. See page 77 for standard
ranges available.
OUTPUT
DPDT, 10 A @ 250 VAC or 24 VDC, resistive;
RATING
211 VA @ 120 VAC, inductive,
25VA @ 24VAC inductive
TIMING
Minimum Setting
+0 – 20%
TOLERANCES Maximum Setting ±10%;
REPEATABILITY 1% maximum; no first cycle effect
RESET TIMES Before Time Out
100 mSEC
After Time Out
50 mSEC
RECYCLE TIME 40 mSEC
SUPPLY
24 or 120 VAC or VDC, 50/60 Hz; ±10%
VOLTAGE
(TUC Series available in 120 Volts only)
FALSE TRANSFER No
REVERSE
Yes
POLARITY
PROTECTED
POWER
3 watts (approximately)
CONSUMPTION
DUTY CYCLE
Continuous
TEMPERATURE
Operate
32° to 131°F (0° to +55°C)
RATING
Storage
-49° to 185°F (-45° to +85°C)
LIFE EXPECTANCY Mechanical 10 million operations
(minimum)
Electrical
100,000 operations
@ rated load
WEIGHT
5 oz.
MODEL NUMBER
E55826
Example: TUC-120-AKA-900—Interval on operate, 120 Volts AC or DC, knob
adjustable from 9 to 900 seconds, 8-pin octal plug-in, UL recognized and
CSA approved.
Notes:* The TUC series is offered in 120 Volts, style A enclosure only with
optional types of operation “K”, “L”, or “F” CSA certified, File #LR40123**
TDC models using the “R” option are not UL Recognized. The “R” option is
not offered in the TUC series or the style B enclosure. TDC models using
“F”, “K”, or “L” options and in the 8-pin octal plug are only available in 24-volts.
Automatic Timing & Controls
800.727.5646
atcdiversified.com
Automatic Timing & Controls
800.727.5646
atcdiversified.com


Similar Part No. - TDC

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
TDC CDE-TDC Datasheet
149Kb / 5P
Dipped, Radial Leaded, Solid Tantalum Capacitors
logo
Panasonic Semiconductor
TDC PANASONIC-TDC Datasheet
1Mb / 5P
Conductive Polymer Tantalum
08-May-25
logo
Multicomp Pro
TDC MULTICOMP-TDC Datasheet
311Kb / 1P
Dual Row Terminal Block TDC Series
24/11/17 V1.0
logo
Siemens Semiconductor G...
TDC 0723-723 SIEMENS-TDC 0723-723 Datasheet
297Kb / 16P
Precision Voltage Regulator
logo
Multicomp Pro
TDC-02 MULTICOMP-TDC-02 Datasheet
311Kb / 1P
Dual Row Terminal Block TDC Series
24/11/17 V1.0
More results

Similar Description - TDC

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2401-1A-1102 MACOM-2401-1A-1102 Datasheet
74Kb / 1P
2400 Series Delay On Operate Timer Fixed Timing, Relay Output
VTMR1 MACOM-VTMR1 Datasheet
204Kb / 1P
On-Delay Timing Module With Internal Potentiometer, Relay Output
2-1393124-0 MACOM-2-1393124-0 Datasheet
43Kb / 1P
On Delay, Time Delay Relay For Plug-In or Panel Mounting
CN1 MACOM-CN1 Datasheet
43Kb / 1P
On Delay, Time Delay Relay For Plug-In or Panel Mounting
logo
PHOENIX CONTACT
ETD-BL-1T-ON-10S PHOENIX-ETD-BL-1T-ON-10S Datasheet
156Kb / 8P
Time relay with switch-on delay
ETD-BL-1T-ON-CC-10S PHOENIX-ETD-BL-1T-ON-CC-10S Datasheet
157Kb / 8P
Timer relay with switch-on delay
logo
Littelfuse
TDMB LITTELFUSE-TDMB Datasheet
489Kb / 2P
Delay-on-Make/Delay-on-Break
2016 Rev: 1-A-062316
TDR LITTELFUSE-TDR Datasheet
437Kb / 2P
Relay Output, Recycling Time Delay Relay
2016 Rev: 1-A-062116
TDS LITTELFUSE-TDS Datasheet
347Kb / 2P
Relay Output, Single Shot Time Delay Relay
2021 Rev: 1-B-030121
CT1S30 LITTELFUSE-CT1S30 Datasheet
422Kb / 2P
Delay-on-Make/Delay-on-Break Timer
Rev: 1-A-062116
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com